Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSQ-541V9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

No. de pieza CSQ-541V9
Descripción Electrónicos  0.56 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-541V9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSQ-541V9 Datasheet HTML 1Page - China Semiconductor Corporation CSQ-541V9 Datasheet HTML 2Page - China Semiconductor Corporation CSQ-541V9 Datasheet HTML 3Page - China Semiconductor Corporation CSQ-541V9 Datasheet HTML 4Page - China Semiconductor Corporation CSQ-541V9 Datasheet HTML 5Page - China Semiconductor Corporation CSQ-541V9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
25
-
mcd
IF=10mA
-
632
-
nm
IF=20mA
d
-
624
-
nm
IF=20mA
-
20
-
nm
IF=20mA
-
-
100
A
VR=5V
IV-m
-
-
2:1
IF=10mA
Page
3/5
Reverse Current
Dominant Wavelength
Spectrum Radiation Bandwidth
A
http://www.csctw.com.tw
Model No CSQ-542/541V9
PS-ND-08090232
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment


Número de pieza similar - CSQ-541V9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSQ-541A9 CHINASEMI-CSQ-541A9 Datasheet
197Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-541B7 CHINASEMI-CSQ-541B7 Datasheet
195Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-541E CHINASEMI-CSQ-541E Datasheet
199Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-541G CHINASEMI-CSQ-541G Datasheet
201Kb / 7P
   0.56 Inch Quad Digit Display
CSQ-541M9 CHINASEMI-CSQ-541M9 Datasheet
205Kb / 6P
   0.56 Inch Quad Digit Display
More results

Descripción similar - CSQ-541V9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSQ-542T9 CHINASEMI-CSQ-542T9 Datasheet
198Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-542G CHINASEMI-CSQ-542G Datasheet
201Kb / 7P
   0.56 Inch Quad Digit Display
CSQ-542S CHINASEMI-CSQ-542S Datasheet
197Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-542A9 CHINASEMI-CSQ-542A9 Datasheet
197Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-542B7 CHINASEMI-CSQ-542B7 Datasheet
195Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-542E CHINASEMI-CSQ-542E Datasheet
199Kb / 6P
   0.56 Inch Quad Digit Display
CSQ-542M9 CHINASEMI-CSQ-542M9 Datasheet
205Kb / 6P
   0.56 Inch Quad Digit Display
logo
OptoSupply Internationa...
OSL40562-IW OPTOSUPPLY-OSL40562-IW Datasheet
256Kb / 2P
   0.56 Inch Four Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-561G-A PARALIGHT-A-561G-A Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561Y-L3 PARALIGHT-C-561Y-L3 Datasheet
195Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com