Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN75LP1185 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN75LP1185
Descripción Electrónicos  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN75LP1185 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LP1185 Datasheet HTML 1Page - Texas Instruments SN75LP1185 Datasheet HTML 2Page - Texas Instruments SN75LP1185 Datasheet HTML 3Page - Texas Instruments SN75LP1185 Datasheet HTML 4Page - Texas Instruments SN75LP1185 Datasheet HTML 5Page - Texas Instruments SN75LP1185 Datasheet HTML 6Page - Texas Instruments SN75LP1185 Datasheet HTML 7Page - Texas Instruments SN75LP1185 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN75LP1185
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS335 – JANUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
driver switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time,
high- to low-level output
RL = 3 kΩ to 7 kΩ, CL = 15 pF, See Figure 1
300
800
1600
ns
tPLH
Propagation delay time,
low- to high-level output
RL = 3 kΩ to 7 kΩ, CL = 15 pF, See Figure 1
300
800
1600
ns
VCC = 5 V,
Using VTR = 10%-to-90% transition region,
Driver speed = 250 kbit/s, CL = 15 pF,
See Note 8
375
2240
tTLH
Transition time,
low to high level output
CC
VDD = 12 V,
VSS = –12 V,
RL 3kΩ to7kΩ
Using VTR = ±3 V transition region,
Driver speed = 250 kbit/s, CL = 15 pF
200
1500
ns
TLH
low- to high-level output
RL = 3 kΩ to 7 kΩ,
See Figure 1 and
Note 9
Using VTR = ±2 V transition region,
Driver speed = 250 kbit/s, CL = 15 pF
133
1000
Note 9
Using VTR = ±3 V transition region,
Driver speed = 125 kbit/s, CL = 2500 pF
2750
VCC = 5 V,
Using VTR = 10%-to-90% transition region,
Driver speed = 250 kbit/s, CL = 15 pF,
See Note 8
375
2240
tTHL
Transition time,
high to low level output
CC
VDD = 12 V,
VSS = –12 V,
RL 3kΩ to7kΩ
Using VTR = ±3 V transition region,
Driver speed = 250 kbit/s, CL = 15 pF
200
1500
ns
THL
high- to low-level output
RL = 3 kΩ to 7 kΩ,
See Figure 1 and
Note 9
Using VTR = ± 2 V transition region,
Driver speed = 250 kbit/s, CL = 15 pF
133
1000
Note 9
Using VTR = ±3 V transition region,
Driver speed = 125 kbit/s, CL = 2500 pF
2750
SR
Output slew rate
VCC = 5 V,
VDD = 12 V,
VSS = –12 V
Using VTR = ±3 V transition region,
Driver speed = 0 to 250 kbit/s, CL = 15 pF
4
20
30
V/
µs
NOTES:
8. Equivalent to the SN75C185. The SN75LP1185 output-voltage swing is clamped to about 70% of the typical SN75C185
output-voltage swing, and the specified limits reflect the reduced output swing.
9. Maximum output swing is limited to
±6 V to enable the higher data rates associated with this device and to reduce EMI emissions.
receiver electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
See Figure 3
1.6
2
2.55
V
VIT–
Negative-going input threshold voltage
See Figure 3
0.6
1
1.45
V
VHYS
Input hysteresis, VIT+ VIT–
See Figure 3
600
1000
mV
VOH
High-level output voltage
IOH = –1 mA
2.5
3.9
V
VOL
Low-level output voltage
IOL = 2 mA
0.33
0.5
V
IIH
High level input current
VI = 3 V
0.43
0.6
1
mA
IIH
High-level input current
VI = 25 V
3.6
5.1
8.3
mA
IIL
Low level input current
VI = –3 V
–0.43
–0.6
–1
mA
IIL
Low-level input current
VI = –25 V
–3.6
–5.1
–8.3
mA
IOS(H)
Short-circuit high-level output current
VO = 0,
See Figure 5 and Note 7
–20
mA
IOS(L)
Short-circuit low-level output current
VO = VCC,
See Figure 5 and Note 7
20
mA
RIN
Input resistance
VI = ±3 V to ±25 V
3
5
7
k
NOTE 7: Not more than one output should be shorted at one time.


Número de pieza similar - SN75LP1185

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185DBR TI-SN75LP1185DBR Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185DBR TI1-SN75LP1185DBR Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185DBRE4 TI-SN75LP1185DBRE4 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Descripción similar - SN75LP1185

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com