Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSS-515A9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

No. de pieza CSS-515A9
Descripción Electrónicos  0.56 Inch Single Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CSS-515A9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSS-515A9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-515A9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-515A9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-515A9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-515A9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-515A9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
30000
-
ucd
IF=10mA
P
-
612
-
nm
IF=20mA
e
-
606
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
A
PS-ND-0807
http://www.csctw.com.tw
Model No CSS-514A9/515A9
Spectrum Radiation
Bandwidth
Parameter
Peak Emission
Wavelength
Dominant
Wavelength
Forward Voltage Per
Segment
Luminous Intensity
Per Segment
Reverse Current
Luminous Intensity
Matching Ratio


Número de pieza similar - CSS-515A9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CSS-515B7 CHINASEMI-CSS-515B7 Datasheet
185Kb / 6P
   0.56 Inch Single Digit Display
CSS-515E CHINASEMI-CSS-515E Datasheet
191Kb / 6P
   0.56 Inch Single Digit Display
CSS-515G CHINASEMI-CSS-515G Datasheet
191Kb / 6P
   0.56 Inch Single Digit Display
CSS-515M9 CHINASEMI-CSS-515M9 Datasheet
191Kb / 6P
   0.56 Inch Single Digit Display
CSS-515S CHINASEMI-CSS-515S Datasheet
189Kb / 6P
   0.56 Inch Single Digit Display
More results

Descripción similar - CSS-515A9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PARA LIGHT ELECTRONICS ...
A-561G-A PARALIGHT-A-561G-A Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561Y-L3 PARALIGHT-C-561Y-L3 Datasheet
195Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-5614S CHINASEMI-CSS-5614S Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614A9 CHINASEMI-CSS-5614A9 Datasheet
182Kb / 6P
   0.56 Inch Single Digit Display
CSS-5614T9 CHINASEMI-CSS-5614T9 Datasheet
180Kb / 6P
   0.56 Inch Single Digit Display
CSS-514S CHINASEMI-CSS-514S Datasheet
189Kb / 6P
   0.56 Inch Single Digit Display
CSS-514T9 CHINASEMI-CSS-514T9 Datasheet
190Kb / 6P
   0.56 Inch Single Digit Display
CSS-514B7 CHINASEMI-CSS-514B7 Datasheet
185Kb / 6P
   0.56 Inch Single Digit Display
CSS-514V9 CHINASEMI-CSS-514V9 Datasheet
184Kb / 6P
   0.56 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-561Y PARALIGHT-A-561Y Datasheet
204Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
logo
OptoSupply Internationa...
OSL10561-IW OPTOSUPPLY-OSL10561-IW Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com