Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54SLT1 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza BAT54SLT1
Descripción Electrónicos  30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BAT54SLT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BAT54SLT1 Datasheet HTML 1Page - Motorola, Inc BAT54SLT1 Datasheet HTML 2Page - Motorola, Inc BAT54SLT1 Datasheet HTML 3Page - Motorola, Inc BAT54SLT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5–1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Dual Series Schottky
Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF = 10 mAdc
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
225
1.8
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
BAT54S = LD3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Thermal Clad is a registered trademark of the Bergquist Company.
Order this document
by BAT54SLT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BAT54SLT1
Motorola Preferred Device
CASE 318 – 08, STYLE 11
SOT– 23 (TO – 236AB)
1
2
3
30 VOLTS
DUAL HOT–CARRIER
DETECTOR AND SWITCHING
DIODES
© Motorola, Inc. 1997
3
CATHODE/ANODE
1
ANODE
2
CATHODE
REV 4


Número de pieza similar - BAT54SLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
BAT54SLT1 LRC-BAT54SLT1 Datasheet
61Kb / 2P
   Dual Series Schokttky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
103Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 13
logo
Tiger Electronic Co.,Lt...
BAT54SLT1 TGS-BAT54SLT1 Datasheet
234Kb / 6P
   SCHOTTKY BARRIER DIODE
logo
ON Semiconductor
BAT54SLT1D ONSEMI-BAT54SLT1D Datasheet
103Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 13
More results

Descripción similar - BAT54SLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BAT54LT1 MOTOROLA-BAT54LT1 Datasheet
77Kb / 4P
   30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MMBD452LT1 ONSEMI-MMBD452LT1 Datasheet
96Kb / 4P
   DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
November, 2001 ??Rev. 2
MBD301 ONSEMI-MBD301 Datasheet
90Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
logo
Motorola, Inc
MBD54DWT1 MOTOROLA-MBD54DWT1 Datasheet
85Kb / 4P
   30 VOLTS DUAL HOT.CARRIER DETECTOR AND SWITCHING DIODES
BAT54ALT1 MOTOROLA-BAT54ALT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
MBD301 MOTOROLA-MBD301 Datasheet
130Kb / 6P
   30 VOLTS SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
   Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Diode Semiconductor Kor...
MMBD452 DSK-MMBD452 Datasheet
227Kb / 3P
   Dual Hot-Carrier Diodes
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
   Dual Hot-Carrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com