Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN75LVDS83 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN75LVDS83
Descripción Electrónicos  FLATLINKE TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS83 Datasheet(HTML) 4 Page - Texas Instruments

  SN75LVDS83 Datasheet HTML 1Page - Texas Instruments SN75LVDS83 Datasheet HTML 2Page - Texas Instruments SN75LVDS83 Datasheet HTML 3Page - Texas Instruments SN75LVDS83 Datasheet HTML 4Page - Texas Instruments SN75LVDS83 Datasheet HTML 5Page - Texas Instruments SN75LVDS83 Datasheet HTML 6Page - Texas Instruments SN75LVDS83 Datasheet HTML 7Page - Texas Instruments SN75LVDS83 Datasheet HTML 8Page - Texas Instruments SN75LVDS83 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN75LVDS83
FLATLINK
™ TRANSMITTER
SLLS271B – MARCH 1997 – REVISED NOVEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (all terminals)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (all terminals)
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminals.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DGG
1377 mW
11.0 mW/
°C
822 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board mounted and
with no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Differential load impedance, ZL
90
132
Operating free-air temperature, TA
0
70
°C
timing requirements
MIN
NOM
MAX
UNIT
tc
Cycle time, input clock
14.7
32.4
ns
tw
Pulse duration, high-level input clock
0.4 tc
0.6 tc
ns
tt
Transition time, input signal
5
ns
tsu
Setup time, data, D0 – D27 valid before CLKIN
↑ or CLKIN↓ (See Figure 2)
3
ns
th
Hold time, data, D0 – D27 valid after CLKIN
↑ or CLKIN↓ (See Figure 2)
1.5
ns


Número de pieza similar - SN75LVDS83

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGG TI1-SN75LVDS83ADGG Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83ADGGR TI1-SN75LVDS83ADGGR Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI1-SN75LVDS83B Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
More results

Descripción similar - SN75LVDS83

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LVDS81 TI-SN75LVDS81 Datasheet
198Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A Datasheet
191Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84 TI-SN75LVDS84 Datasheet
194Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTERS
SN75LVDS86 TI-SN75LVDS86 Datasheet
190Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS82 TI-SN75LVDS82 Datasheet
201Kb / 15P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS86A TI-SN75LVDS86A Datasheet
184Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com