Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CST-333G Datasheet(PDF) 2 Page - China Semiconductor Corporation

No. de pieza CST-333G
Descripción Electrónicos  0.36 Inch Triad Digits Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CST-333G Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CST-333G Datasheet HTML 1Page - China Semiconductor Corporation CST-333G Datasheet HTML 2Page - China Semiconductor Corporation CST-333G Datasheet HTML 3Page - China Semiconductor Corporation CST-333G Datasheet HTML 4Page - China Semiconductor Corporation CST-333G Datasheet HTML 5Page - China Semiconductor Corporation CST-333G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.36 inch (9.2mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
http://www.csctw.com.tw
Common Anode
CST-332G
GaP
PS-ND-08072504
A
Chip
CST-333G
2. Case mold type.
Model No CST-332/333G
GaP
Yellow Green
Material
Emitted Color
Part No.
Description
Yellow Green
Common Cathode


Número de pieza similar - CST-333G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CST-333G ETC1-CST-333G Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
More results

Descripción similar - CST-333G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CST-332 CHINASEMI-CST-332 Datasheet
198Kb / 6P
   0.36 Inch Triad Digits Display
CST-332V9 CHINASEMI-CST-332V9 Datasheet
191Kb / 6P
   0.36 Inch Triad Digits Display
CST-332A9 CHINASEMI-CST-332A9 Datasheet
197Kb / 6P
   0.36 Inch Triad Digits Display
CST-332M9 CHINASEMI-CST-332M9 Datasheet
207Kb / 6P
   0.36 Inch Triad Digits Display
CST-332B7 CHINASEMI-CST-332B7 Datasheet
194Kb / 6P
   0.36 Inch Triad Digits Display
CST-332S CHINASEMI-CST-332S Datasheet
199Kb / 6P
   0.36 Inch Triad Digits Display
CST-332T9 CHINASEMI-CST-332T9 Datasheet
198Kb / 6P
   0.36 Inch Triad Digits Display
CST-432S CHINASEMI-CST-432S Datasheet
198Kb / 6P
   0.4 Inch Triad Digits Display
CST-4302E CHINASEMI-CST-4302E Datasheet
195Kb / 6P
   0.4 Inch Triad Digits Display
CST-4302T9 CHINASEMI-CST-4302T9 Datasheet
195Kb / 6P
   0.4 Inch Triad Digits Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com