Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CST-534E Datasheet(PDF) 2 Page - China Semiconductor Corporation

No. de pieza CST-534E
Descripción Electrónicos  0.56 Inch Triad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CST-534E Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CST-534E Datasheet HTML 1Page - China Semiconductor Corporation CST-534E Datasheet HTML 2Page - China Semiconductor Corporation CST-534E Datasheet HTML 3Page - China Semiconductor Corporation CST-534E Datasheet HTML 4Page - China Semiconductor Corporation CST-534E Datasheet HTML 5Page - China Semiconductor Corporation CST-534E Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.56 inch (14.2mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
Part No.
Common Anode
Description
CST-534E
2. Case mold type.
Model No CST-534/535E
GaAsP
Orange
Material
http://www.csctw.com.tw
PS-ND-08090121
A
Emitted Color
Chip
CST-535E
GaAsP
Orange
Common Cathode


Número de pieza similar - CST-534E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CST-534A9 CHINASEMI-CST-534A9 Datasheet
200Kb / 6P
   0.56 Inch Triad Digit Display
CST-534B7 CHINASEMI-CST-534B7 Datasheet
196Kb / 6P
   0.56 Inch Triad Digit Display
CST-534G CHINASEMI-CST-534G Datasheet
203Kb / 6P
   0.56 Inch Triad Digit Display
CST-534M9 CHINASEMI-CST-534M9 Datasheet
209Kb / 6P
   0.56 Inch Triad Digit Display
CST-534S CHINASEMI-CST-534S Datasheet
202Kb / 7P
   0.56 Inch Triad Digit Display
More results

Descripción similar - CST-534E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CST-532B7 CHINASEMI-CST-532B7 Datasheet
195Kb / 6P
   0.56 Inch Triad Digit Display
CST-534M9 CHINASEMI-CST-534M9 Datasheet
209Kb / 6P
   0.56 Inch Triad Digit Display
CST-534T9 CHINASEMI-CST-534T9 Datasheet
200Kb / 6P
   0.56 Inch Triad Digit Display
CST-534G CHINASEMI-CST-534G Datasheet
203Kb / 6P
   0.56 Inch Triad Digit Display
CST-532E CHINASEMI-CST-532E Datasheet
198Kb / 6P
   0.56 Inch Triad Digit Display
CST-532S CHINASEMI-CST-532S Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-534A9 CHINASEMI-CST-534A9 Datasheet
200Kb / 6P
   0.56 Inch Triad Digit Display
CST-532A9 CHINASEMI-CST-532A9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-532M9 CHINASEMI-CST-532M9 Datasheet
208Kb / 7P
   0.56 Inch Triad Digit Display
CST-532T9 CHINASEMI-CST-532T9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-534B7 CHINASEMI-CST-534B7 Datasheet
196Kb / 6P
   0.56 Inch Triad Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com