Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CST-5235B7 Datasheet(PDF) 4 Page - China Semiconductor Corporation

No. de pieza CST-5235B7
Descripción Electrónicos  0.52 Inch Triad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CST-5235B7 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CST-5235B7 Datasheet HTML 1Page - China Semiconductor Corporation CST-5235B7 Datasheet HTML 2Page - China Semiconductor Corporation CST-5235B7 Datasheet HTML 3Page - China Semiconductor Corporation CST-5235B7 Datasheet HTML 4Page - China Semiconductor Corporation CST-5235B7 Datasheet HTML 5Page - China Semiconductor Corporation CST-5235B7 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
3.5
4
V
IF=20mA
Iv
-
20
-
mcd
IF=10mA
q
-
468
-
nm
IF=20mA
Od
-
470
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
50
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
http://www.csctw.com.tw
Luminous Intensity Matching Ratio
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
Model No CST-5234/5235B7
PS-ND-08090101
A
Reverse Current
Dominant Wavelength
Peak Emission Wavelength


Número de pieza similar - CST-5235B7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CST-5235A9 CHINASEMI-CST-5235A9 Datasheet
196Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235E CHINASEMI-CST-5235E Datasheet
199Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235G CHINASEMI-CST-5235G Datasheet
201Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235M9 CHINASEMI-CST-5235M9 Datasheet
205Kb / 6P
   0.52 Inch Triad Digit Display
CST-5235S CHINASEMI-CST-5235S Datasheet
197Kb / 6P
   0.52 Inch Triad Digits Display
More results

Descripción similar - CST-5235B7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CST-5234A9 CHINASEMI-CST-5234A9 Datasheet
196Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234G CHINASEMI-CST-5234G Datasheet
201Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234M9 CHINASEMI-CST-5234M9 Datasheet
205Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234T9 CHINASEMI-CST-5234T9 Datasheet
197Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234 CHINASEMI-CST-5234 Datasheet
192Kb / 7P
   0.52 Inch Triad Digit Display
CST-5234E CHINASEMI-CST-5234E Datasheet
199Kb / 6P
   0.52 Inch Triad Digit Display
CST-5234S CHINASEMI-CST-5234S Datasheet
197Kb / 6P
   0.52 Inch Triad Digits Display
CST-532A9 CHINASEMI-CST-532A9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
CST-532M9 CHINASEMI-CST-532M9 Datasheet
208Kb / 7P
   0.56 Inch Triad Digit Display
CST-532T9 CHINASEMI-CST-532T9 Datasheet
199Kb / 6P
   0.56 Inch Triad Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com