Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CST-S30320A9 Datasheet(PDF) 2 Page - China Semiconductor Corporation

No. de pieza CST-S30320A9
Descripción Electrónicos  0.3 Inch Triad Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHINASEMI [China Semiconductor Corporation]
Página de inicio  
Logo CHINASEMI - China Semiconductor Corporation

CST-S30320A9 Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CST-S30320A9 Datasheet HTML 1Page - China Semiconductor Corporation CST-S30320A9 Datasheet HTML 2Page - China Semiconductor Corporation CST-S30320A9 Datasheet HTML 3Page - China Semiconductor Corporation CST-S30320A9 Datasheet HTML 4Page - China Semiconductor Corporation CST-S30320A9 Datasheet HTML 5Page - China Semiconductor Corporation CST-S30320A9 Datasheet HTML 6Page - China Semiconductor Corporation CST-S30320A9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.3 inch (7.62mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board.
Device Selection Guide -
Mechanical Dimensions -
Page
1/6
http://www.csctw.com.tw
CST-S30321A9
AIGaInP
Common Anode
A
Description
2. Qualified according to JEDEC moisture sensitivity Level 2a.
PS-DT-S30320/S30321A9
Model No CST-S30320/S30321A9
Chip
Emitting Color
Model No.
CST-S30320A9
AIGaInP
Super Bright Amber
Material
Super Bright Amber Common Cathode


Número de pieza similar - CST-S30320A9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CST-S30320B7 CHINASEMI-CST-S30320B7 Datasheet
248Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320G CHINASEMI-CST-S30320G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320M9 CHINASEMI-CST-S30320M9 Datasheet
256Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320S CHINASEMI-CST-S30320S Datasheet
252Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320T9 CHINASEMI-CST-S30320T9 Datasheet
255Kb / 7P
   0.3 Inch Triad Digit SMD Display
More results

Descripción similar - CST-S30320A9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
China Semiconductor Cor...
CST-S30320G CHINASEMI-CST-S30320G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320B7 CHINASEMI-CST-S30320B7 Datasheet
248Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320S CHINASEMI-CST-S30320S Datasheet
252Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320T9 CHINASEMI-CST-S30320T9 Datasheet
255Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320V9 CHINASEMI-CST-S30320V9 Datasheet
246Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320M9 CHINASEMI-CST-S30320M9 Datasheet
256Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S56320B7 CHINASEMI-CST-S56320B7 Datasheet
267Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320M9 CHINASEMI-CST-S56320M9 Datasheet
274Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320T9 CHINASEMI-CST-S56320T9 Datasheet
274Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320V9 CHINASEMI-CST-S56320V9 Datasheet
265Kb / 7P
   0.56 Inch Triad Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com