Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC489B Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza BC489B
Descripción Electrónicos  High Current Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC489B Datasheet(HTML) 5 Page - Motorola, Inc

  BC489B Datasheet HTML 1Page - Motorola, Inc BC489B Datasheet HTML 2Page - Motorola, Inc BC489B Datasheet HTML 3Page - Motorola, Inc BC489B Datasheet HTML 4Page - Motorola, Inc BC489B Datasheet HTML 5Page - Motorola, Inc BC489B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC489,A,B
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
–0.8
–2.8
1.0
100
10
R
θVB for VBE
0.5
2.0
5.0
20
50
200
–1.2
–1.6
–2.0
–2.4
500
IC, COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
–1.0
–0.8
–0.6
–0.4
–0.2
0
TJ = 25°C
VBE(on) @ VCE = –1.0 V
VCE(sat) @ IC/IB = 10
–0.5
VBE(sat) @ IC/IB = 10
–1.0
–2.0
–5.0
–10
–20
–50
–100
–200
–500
IB, BASE CURRENT (mA)
Figure 12. Collector Saturation Region
–1.0
–0.8
–0.6
–0.4
–0.2
0
–0.1
–10
–1.0
TJ = 25°C
IC = –10 mA
–0.05
–0.2
–0.5
–2.0
–5.0
–20
–50 mA
–50
–100 mA
–250 mA –500 mA
IC, COLLECTOR CURRENT (mA)
Figure 13. Base–Emitter Temperature Coefficient
–0.8
–2.8
–1.0
–100
–10
R
θVB for VBE
–0.5
–2.0
–5.0
–20
–50
–200
–1.2
–1.6
–2.0
–2.4
–500


Número de pieza similar - BC489B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC489B ONSEMI-BC489B Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Continental Device Indi...
BC489B CDIL-BC489B Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Descripción similar - BC489B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com