Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5663TPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

No. de pieza 2SC5663TPT
Descripción Electrónicos  Low Ferquency NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENMKO [Chenmko Enterprise Co. Ltd.]
Página de inicio  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC5663TPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  2SC5663TPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC5663TPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC5663TPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( 2SC5663TPT )
!
!
!
!
Electrical characteristic curves
0
1
10
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.1 Grounded emitter propagation
characteristics
100
0.5
1.0
1.5
VCE = 2V
1000
2
5
20
50
200
500
1
2
5
10
20
50
100 200
500
COLLECTOR CURRENT : IC (mA)
Fig.2 DC current gain vs.
collector current
10
1000
20
50
100
200
500
1000
Ta = 125
°C
5
2
1
VCE = 2V
25
°C
-40
°C
1
2
5
10
20
50
100
200
IC/IB = 20
1
2
5
10
20
50
100 200
500 1000
COLLECTOR CURRENT : IC (mA)
Fig.3 Collector-emitter saturation voltage
vs. collector current (
Ι )
Ta = 125
°C
500
1000
25
°C
-40
°C
1
2
5
10
20
50
100
200
Ta = 25
°C
1
2
5
10
20
50
100 200
500 1000
COLLECTOR CURRENT : IC (mA)
Fig.4 Collector-emitter saturation voltage
vs. collector current (
ΙΙ )
IC/IB = 50
500
1000
20
10
10
20
50
100
200
500
1000
2000
IC/IB = 20
1
2
5
10
20
50
100 200
500 1000
COLLECTOR CURRENT : IC (mA)
Fig.5 Base-emitter saturation voltage
vs. collector current
Ta = -40
°C
5000
10000
25
°C
125
°C
2
1
5
10
20
50 100 200
500 1000
1
2
5
10
20
50
100
200
500
1000
Ta = 25
°C
VCE
= 2V
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.6
Collector output capacitance
Emitter input capacitance
vs. base voltage
Pulsed
0.2
0.1
0.5
1
2
5
10
20
50
100
1
2
5
10
20
50
100
200
500
1000
Ta = 25
°C
IE = 0A
f
= 1MHz
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Collector output capacitance
vs collector-base voltage
Emitter input capacitance
vs emitter-base voltage
Cib
Cob


Número de pieza similar - 2SC5663TPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC5663 ROHM-2SC5663 Datasheet
69Kb / 3P
   Low frequency transistor (12V, 0.5A)
logo
Jiangsu Changjiang Elec...
2SC5663 JIANGSU-2SC5663 Datasheet
649Kb / 4P
   SOT-723 Plastic-Encapsulate Transistors
logo
Chenmko Enterprise Co. ...
2SC5663PT CHENMKO-2SC5663PT Datasheet
155Kb / 3P
   Low Ferquency NPN Transistor
More results

Descripción similar - 2SC5663TPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chenmko Enterprise Co. ...
2SC5663PT CHENMKO-2SC5663PT Datasheet
155Kb / 3P
   Low Ferquency NPN Transistor
2SA2030PT CHENMKO-2SA2030PT Datasheet
119Kb / 3P
   Low Ferquency PNP Transistor
2SA2119TPT CHENMKO-2SA2119TPT Datasheet
220Kb / 3P
   Low Ferquency PNP Transistor
2SA2119PT CHENMKO-2SA2119PT Datasheet
102Kb / 3P
   Low Ferquency PNP Transistor
logo
Fairchild Semiconductor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
   NPN Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
logo
Taiwan Semiconductor Co...
TSD2150A TSC-TSD2150A_14 Datasheet
322Kb / 4P
   Low Vcesat NPN Transistor
logo
GTM CORPORATION
GL5672 GTM-GL5672 Datasheet
163Kb / 2P
   NPN LOW FREQUENCY TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC5904 TSC-TSC5904 Datasheet
316Kb / 4P
   Low Vcesat NPN Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com