Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1781KPT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

No. de pieza 2SD1781KPT
Descripción Electrónicos  NPN Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENMKO [Chenmko Enterprise Co. Ltd.]
Página de inicio  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SD1781KPT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  2SD1781KPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SD1781KPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SD1781KPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2SD1781KPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING CHARACTERISTIC CURVES ( 2SD1781KPT )
-2
Fig.8 Emitter input capacitance vs.
emitter-base voltage
Fig.6 Gain bandwidthproduct vs.
emitter current
EMITTER CURRENT: IE (mA)
-200
-20
-10
-100
-1
-5
500
-50
200
100
50
20
10
1000
Fig.5 Collector-emitter saturation
voltage vs. collector current (2)
COLLECTOR CURRENT: IC (A)
200
1
50
10
2
1000
100
20
500
5
10
100
1000
50
20
200
500
Fig.7 Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCS (V)
EMITTER TO BASE VOLTAGE : VEB (V)
20
2.0
0.2
0.1
1.0
0.5
5.0
10
2.0
0.2
0.1
1.0
0.5
5.0 10
50
50
10
100
20
5
50
10
100
20
5
200
Ta =25
O
C
Ta =25
IC=0A
IE=0A
f=1MHZ
f=1MHZ
CE
V
=5V
IC/IB=10
O
C
Ta=25 C
O
Ta=100 C
O
O
O
25 C
-55 C


Número de pieza similar - 2SD1781KPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD1781K ROHM-2SD1781K Datasheet
93Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SD1781K ROHM-2SD1781K Datasheet
53Kb / 4P
   Medium Power Transistor (32V, 0.8A)
logo
Guangdong Kexin Industr...
2SD1781K KEXIN-2SD1781K Datasheet
37Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1781K SECOS-2SD1781K Datasheet
702Kb / 2P
   NPN Silicon Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD1781K WINNERJOIN-2SD1781K Datasheet
129Kb / 1P
   TRANSISTOR (NPN)
More results

Descripción similar - 2SD1781KPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com