Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CHM4892JPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd. |
|
CHM4892JPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd. |
1 / 2 page CHM4892JPT 12 CHENMKO ENTERPRISE CO.,LTD SURFACE MOUNT N-Channel Enhancement Mode Field Effect Transistor VOLTAGE 30 Volts CURRENT 12 Ampere APPLICATION FEATURE * Super high dense cell design for extremely low RDS(ON). CONSTRUCTION * N-Channel Enhancement * Servo motor control. * Power MOSFET gate drivers. * Other switching applications. °C/W 2006-02 (Note 3) * High power and current handing capability. Note : 1. Surface Mounted on FR4 Board , t <=10sec * Lead free product is acquired. 2. Pulse Test , Pulse width <= 300us , Duty Cycle <= 2% 48 CIRCUIT Absolute Maximum Ratings TA Dimensions in millimeters = 25°C unless otherwise noted Symbol SO-8 Parameter CHM4892JPT * Small flat package. (SO-8 ) T Units J VDSS Drain-Source Voltage Operating Temperature Range 30 -55 to 150 V °C 3. Repetitive Rating , Pulse width linited by maximum junction temperature (Note 1) 4. Guaranteed by design , not subject to production trsting V SO-8 GSS Gate-Source Voltage ±20 V ID Maximum Drain Current - Continuous A - Pulsed P 1 D 4 Maximum 8 Power Dissipation 5 2500 mW TSTG Storage Temperature Range -55 to 150 °C Thermal characteristics R θJA Thermal Resistance, Junction-to-Ambient 50 1.27 (0.05)BSC .51 (0.020) .10 (0.012) .25 (0.010) .17 (0.007) 4.06 (0.160) 3.70 (0.146) 5.00 (0.197) 4.69 (0.185) 1.75 (0.069) 1.35 (0.053) 6.20 (0.244) 5.80 (0.228) .25 (0.010) .05 (0.002) 1 4 5 8 S S S G D D D D |
Número de pieza similar - CHM4892JPT |
|
Descripción similar - CHM4892JPT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |