Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP68T1 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza BCP68T1
Descripción Electrónicos  MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCP68T1 Datasheet(HTML) 3 Page - Motorola, Inc

  BCP68T1 Datasheet HTML 1Page - Motorola, Inc BCP68T1 Datasheet HTML 2Page - Motorola, Inc BCP68T1 Datasheet HTML 3Page - Motorola, Inc BCP68T1 Datasheet HTML 4Page - Motorola, Inc BCP68T1 Datasheet HTML 5Page - Motorola, Inc BCP68T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCP68T1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
1.0
1000
100
10
IC, COLLECTOR CURRENT (mA)
Figure 3. “On” Voltage
0.8
0.6
0.4
0.2
0
1.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
80
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
0
70
60
50
40
30
1.0
2.0
3.0
4.0
TJ = 25°C
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
0
5.0
10
15
20
TJ = 25°C
25
20
15
10
5.0
1000
IC, COLLECTOR CURRENT (mA)
Figure 6. Base-Emitter Temperature Coefficient
– 0.8
–1.2
–1.6
– 2.0
– 2.4
– 2.8
100
10
1.0
1.0
0.8
0.6
0.4
0.2
0
100
IB, BASE CURRENT (mA)
10
1.0
0.1
0.01
TJ = 25°C
I C = 10 mA
= 100 mA
= 500 mA
5.0
R
θVB for VBE
= 50 mA
Figure 7. Saturation Region
= 1000 mA


Número de pieza similar - BCP68T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
BCP68T1G ONSEMI-BCP68T1G_14 Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
More results

Descripción similar - BCP68T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com