Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA005D12 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPA005D12
Descripción Electrónicos  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA005D12 Datasheet(HTML) 1 Page - Texas Instruments

  TPA005D12 Datasheet HTML 1Page - Texas Instruments TPA005D12 Datasheet HTML 2Page - Texas Instruments TPA005D12 Datasheet HTML 3Page - Texas Instruments TPA005D12 Datasheet HTML 4Page - Texas Instruments TPA005D12 Datasheet HTML 5Page - Texas Instruments TPA005D12 Datasheet HTML 6Page - Texas Instruments TPA005D12 Datasheet HTML 7Page - Texas Instruments TPA005D12 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPA005D12
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS241B – AUGUST 1999 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
NOT RECOMMENDED FOR NEW DESIGNS
D Choose TPA2000D2 For Upgrade
D Extremely Efficient Class-D Stereo
Operation
D Drives L and R Channels
D 2-W BTL Output Into 4 Ω
D 5-W Peak Music Power
D Fully Specified for 5-V Operation
D Low Quiescent Current
D Shutdown Control . . . 0.2 µA
D Thermally-Enhanced PowerPAD™ Surface-
Mount Packaging
D Thermal, Over-Current, and Under-Voltage
Protection
description
The TPA005D12 is a monolithic power IC stereo
audio amplifier that operates in extremely efficient
Class-D operation, using the high switching speed
of power DMOS transistors to replicate the analog
input signal through high-frequency switching of
the output stage. This allows the TPA005D12 to
be configured as a bridge-tied load (BTL) amplifier
capable of delivering up to 2 W of continuous
average power into a 4-
Ω load at 0.5% THD+N
from a 5-V power supply in the high-fidelity audio
frequency range (20 Hz to 20 kHz). A BTL configuration eliminates the need for external coupling capacitors
on the output. A chip-level shutdown control is provided to limit total quiescent current to 0.2
µA, making the
device ideal for battery-powered applications.
A full range of protection circuitry is included to increase device reliability: thermal, over-current, and
under-voltage shutdown, with two status feedback terminals for use when any error condition is encountered.
The high switching frequency of the TPA005D12 allows the output filter to consist of three small capacitors and
two small inductors per channel. The high switching frequency also allows for good THD+N performance.
The TPA005D12 is offered in the thermally enhanced 48-pin PowerPAD TSSOP surface-mount package
(designator DCA).
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
TSSOP†
(DCA)
–40
°C to 125°C
TPA005D12DCA
† The DCA package is available in left-ended tape and reel. To order
a taped and reeled part, add the suffix R to the part number (e.g.,
TPA005D12DCAR).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
SHUTDOWN
MUTE
AGND
LINN
LINP
LCOMP
AGND
VDD
LPVDD
LOUTP
LOUTP
PGND
PGND
LOUTN
LOUTN
LPVDD
NC
NC
NC
AGND
PVDD
VCP
CP3
CP2
COSC
AGND
AGND
RINN
RINP
RCOMP
FAULT0
FAULT1
RPVDD
ROUTP
ROUTP
PGND
PGND
ROUTN
ROUTN
RPVDD
NC
NC
NC
V2P5
PVDD
PGND
CP4
CP1
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DCA PACKAGE
(TOP VIEW)


Número de pieza similar - TPA005D12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14DCA TI-TPA005D14DCA Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA005D12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com