Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4-10S1205 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

No. de pieza TC4-10S1205
Descripción Electrónicos  DC/DC CONVERTERS 2:1 Input, 10 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRUMPOWER [Tumbler Technologies + TRUMPower]
Página de inicio  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TC4-10S1205 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TC4-10S1205 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
*OUTPUT
VOLTAGE
Rev. C -01/2008-
OUTPUT
CURRENT
OUTPUT
POWER
8W
10W
10W
10W
10W
10W
10W
10W
10W
2500 mA
2000 mA
830 mA
666 mA
416 mA
±1000 mA
±415 mA
±333 mA
±208 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
+24 VDC
±5 VDC
±12 VDC
±15 VDC
±24 VDC
TC4-8S123.3
TC4-10S1205
TC4-10S1212
TC4-10S1215
TC4-10S1224
TC4-10D1205
TC4-10D1212
TC4-10D1215
TC4-10D1224
TC4-8S483.3
TC4-10S4805
TC4-10S4812
TC4-10S4815
TC4-10S4824
TC4-10D4805
TC4-10D4812
TC4-10D4815
TC4-10D4824
TC4-8S243.3
TC4-10S2405
TC4-10S2412
TC4-10S2415
TC4-10S2424
TC4-10D2405
TC4-10D2412
TC4-10D2415
TC4-10D2424
18-36 VDC IN
36-72 VDC IN
9-18 VDC IN
TRUMPower
DC/DC CONVERTERS
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TC4 Series
2:1 Input, 10 Watt
T
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and
Full Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-18V Input.................................12 VDC
18-36V Input................................24 VDC
36-72V Input...............................48 VDC
Input Filter....................................................Capacitors
OUTPUT SPECIFICATIONS
Voltage Accuracy..........................................±1%, Max.
Voltage Balance, Dual Ouput..................................±1%
Line Regulation..........................................±0.5%, Max.
Load Regulation, FL-25%FL.......................±0.5%, Max.
Minimum Load.........................................................5%
Ripple and Noise, 20MHz BW..............150mVp-p, Max.
Short Circuit Protection...............................Continuous
Short Circuit Restart......................................Automatic
GENERAL SPECIFICATIONS
Efficiency......................................................85%, Typ.
Isolation Voltage, Input to Output..........1,500 VDC, Min.
Switching Frequency................................200 KHz, Typ.
Operating Temperature Range...............-25°C to +71°C
Case Temperature......................................100°C Max.
Derating................................................................None
Storage Temperature Range................-40°C to +125°C
Cooling...........................................Free Air Convection
Safety Standards........Meets UL 1950, EN60950, IEC950
EMI/RFI..................................Five-Side Shielded Case
Conducted EMI....Meets FCC Class A, EN55022 Class A
Case Material..............Metal with Non-Conductive Base
0.40
(10.2)
2.00
(50.8)
0.60
(15.2)
* NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
+IN -IN
-OUT
+OUT
0.80
(20.3)
0.20
(5.1)
0.60
(15.2)
1.00
(25.4)
BOTTOM VIEW
COM
/NP*
0.10
(2.54)
0.20
(5.0) Min.
0.40
(10.2)
0.40
(10.2)
*Contact the factory for other outputs.


Número de pieza similar - TC4-10S1205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tumbler Technologies + ...
TC4-10S1205 TRUMPOWER-TC4-10S1205 Datasheet
25Kb / 1P
   DC/DC CONVERTERS
More results

Descripción similar - TC4-10S1205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC2SB-24S05 ETC2-EC2SB-24S05 Datasheet
54Kb / 3P
   10 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC4BU CINCON-EC4BU Datasheet
175Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC4W-7S243.3 TRUMPOWER-TC4W-7S243.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 10 Watt
logo
CINCON ELECTRONICS Corp...
EC2SBW CINCON-EC2SBW Datasheet
198Kb / 2P
   10 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW-110S33 CINCON-EC6AW-110S33 Datasheet
226Kb / 2P
   10 WATT 4:1 INPUT DC-DC CONVERTERS
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
   750 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com