Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA0242 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPA0242
Descripción Electrónicos  STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA0242 Datasheet(HTML) 5 Page - Texas Instruments

  TPA0242 Datasheet HTML 1Page - Texas Instruments TPA0242 Datasheet HTML 2Page - Texas Instruments TPA0242 Datasheet HTML 3Page - Texas Instruments TPA0242 Datasheet HTML 4Page - Texas Instruments TPA0242 Datasheet HTML 5Page - Texas Instruments TPA0242 Datasheet HTML 6Page - Texas Instruments TPA0242 Datasheet HTML 7Page - Texas Instruments TPA0242 Datasheet HTML 8Page - Texas Instruments TPA0242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPA0242
STEREO 2-W AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL AND MUX CONTROL
SLOS287 – NOVEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω, Gain = 2 V/V, BTL mode (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
f = 1 kHz
2
W
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.22%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
Supply ripple rejection ratio
f = 1 kHz CB =0 47 µF
BTL mode
65
dB
Supply ripple rejection ratio
f = 1 kHz, CB = 0.47 µF
SE mode
60
dB
V
Noise output voltage
CB = 0.47 µF,
BTL mode
34
µVRMS
Vn
Noise output voltage
B
µ
f = 20 Hz to 20 kHz
SE mode
44
µVRMS
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output power
1, 4, 6, 8, 10
THD+N
Total harmonic distortion plus noise
vs Voltage gain
2
THD+N
Total harmonic distortion plus noise
vs Frequency
3, 5, 7, 9, 11
vs Output voltage
12
Vn
Output noise voltage
vs Bandwidth
13
Supply ripple rejection ratio
vs Frequency
14, 15
Crosstalk
vs Frequency
16, 17, 18
Shutdown attenuation
vs Frequency
19
SNR
Signal-to-noise ratio
vs Bandwidth
20
Closed loop response
21, 22
PO
Output power
vs Load resistance
23, 24
PD
Power dissipation
vs Output power
25, 26
PD
Power dissipation
vs Ambient temperature
27
ZI
Input impedance
vs Gain
28


Número de pieza similar - TPA0242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA0242 TI1-TPA0242 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWP TI1-TPA0242PWP Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPR TI1-TPA0242PWPR Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPRG4 TI1-TPA0242PWPRG4 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Descripción similar - TPA0242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com