Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA152D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA152D
Descripción Electrónicos  75-mW STEREO AUDIO POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA152D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA152D Datasheet HTML 7Page - Texas Instruments TPA152D Datasheet HTML 8Page - Texas Instruments TPA152D Datasheet HTML 9Page - Texas Instruments TPA152D Datasheet HTML 10Page - Texas Instruments TPA152D Datasheet HTML 11Page - Texas Instruments TPA152D Datasheet HTML 12Page - Texas Instruments TPA152D Datasheet HTML 13Page - Texas Instruments TPA152D Datasheet HTML 14Page - Texas Instruments TPA152D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
POWER DISSIPATION
vs
OUTPUT POWER
100
80
40
0
60
20
0
5
10
15
PO – Output Power – mW
25
20
RL = 32 Ω
APPLICATION INFORMATION
selection of components
Figure 22 is a schematic diagram of a typical application circuit.
8
7
6
5
GND
VDD
IN1–
4
1
2
3
VO1
MUTE
IN2–
RI
20 k
Audio Input 1
CI
1
µF
IN 2
VO2
RF
20 k
Shutdown
(from System Control)
RI
20 k
Audio Input 2
CI
1
µF
RF
20 k
CC
330
µF
RC†
100
CC
330
µF
VDD
1
µF
HP
Jack
RL
32
RL
32
CB
1
µF
RO†
20 k
RC†
100
RO†
20 k
† These resistors are optional. Adding these resistors improves the depop performance of the TPA152.
Figure 22. TPA152 Typical Application Circuit


Número de pieza similar - TPA152D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA152D TI-TPA152D Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152DG4 TI-TPA152DG4 Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152DR TI-TPA152DR Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152DRG4 TI-TPA152DRG4 Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA152D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_06 Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com