Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC1533 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPIC1533
Descripción Electrónicos  QUAD AND HEX POWER DMOS ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPIC1533 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC1533 Datasheet HTML 6Page - Texas Instruments TPIC1533 Datasheet HTML 7Page - Texas Instruments TPIC1533 Datasheet HTML 8Page - Texas Instruments TPIC1533 Datasheet HTML 9Page - Texas Instruments TPIC1533 Datasheet HTML 10Page - Texas Instruments TPIC1533 Datasheet HTML 11Page - Texas Instruments TPIC1533 Datasheet HTML 12Page - Texas Instruments TPIC1533 Datasheet HTML 13Page - Texas Instruments TPIC1533 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TPIC1533
QUAD AND HEX POWER DMOS ARRAY
SLIS064 – OCTOBER 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
STATIC DRAIN-TO-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.150
0.100
0.050
0
– 40 – 20
0
20
40
60
80
100 120 140 160
ID = 3 A
Q1A, Q1B, Q2A, Q2B
VGS = 10 V
0.125
0.075
0.025
VGS = 12 V
0.175
VGS = 15 V
Figure 8
STATIC DRAIN-TO-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.6
0.4
0.2
0
– 40 – 20
0
20
40
60
80
100 120 140 160
ID = 1.5 A
Q3A, Q3B, Q4A, Q4B, Q5A, Q5B
VGS = 10 V
0.5
0.3
0.1
VGS = 15 V
VGS = 12 V
Figure 9
10
0.1
0.01
0.01
0.1
1
10
100
VGS = 10 V
VGS = 15 V
STATIC DRAIN-TO-SOURCE
ON-STATE RESISTANCE
vs
DRAIN CURRENT
VGS = 12 V
ID – Drain Current – A
TJ = 25°C
Q1A, Q1B, Q2A, Q2B
Figure 10
STATIC DRAIN-TO-SOURCE
ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID – Drain Current – A
0.2
0.18
0.14
0.12
0.1
0.26
0.16
0.1
1
10
0.24
0.22
VGS = 10 V
VGS = 16 V
VGS = 12 V
TJ = 25°C
Q3A, Q3B, Q4A
Q4B, Q5A, Q5B


Número de pieza similar - TPIC1533

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC1501 TI-TPIC1501 Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1501ADW TI-TPIC1501ADW Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502DW TI-TPIC1502DW Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
More results

Descripción similar - TPIC1533

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
logo
Supertex, Inc
VC0206N6 SUTEX-VC0206N6 Datasheet
40Kb / 1P
   Complementary Enhancement-Mode Vertical DMOS Power FETs Quad Array
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
logo
Supertex, Inc
VN0106NE SUTEX-VN0106NE Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VP0204N6 SUTEX-VP0204N6 Datasheet
40Kb / 1P
   P-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VN0204N6 SUTEX-VN0204N6 Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array???
logo
Texas Instruments
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com