Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC44L01DB Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPIC44L01DB
Descripción Electrónicos  4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L01DB Datasheet(HTML) 4 Page - Texas Instruments

  TPIC44L01DB Datasheet HTML 1Page - Texas Instruments TPIC44L01DB Datasheet HTML 2Page - Texas Instruments TPIC44L01DB Datasheet HTML 3Page - Texas Instruments TPIC44L01DB Datasheet HTML 4Page - Texas Instruments TPIC44L01DB Datasheet HTML 5Page - Texas Instruments TPIC44L01DB Datasheet HTML 6Page - Texas Instruments TPIC44L01DB Datasheet HTML 7Page - Texas Instruments TPIC44L01DB Datasheet HTML 8Page - Texas Instruments TPIC44L01DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS062A NOVEMBER 1996 – REVISED SEPTEMBER 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CS
8
I
Chip select. A high to low transition on CS enables SDO, latches fault data into the serial interface, and
refreshes FLT. When CS is high, the fault registers can change fault status. On the falling edge of CS, fault data
is latched into the serial output register and transferred using SDO and SCLK. On a low to high transition of
CS, serial data is latched in to the output control register.
DRAIN0
21
I
DRAIN1
19
FET drain inputs. DRAIN0 through DRAIN3 are used for both open-load and short-circuit fault detection at the
DRAIN2
16
g
drain of the external FETs. They are also used for inductive transient protection.
DRAIN3
14
FLT
1
I
Fault flag. FLT is a logic level open-drain output that provides a real-time fault flag for shorted-load/
open-load/over-battery voltage/under-battery voltage faults. The device can be ORed with FLT terminals on
other devices for interrupt handling. FLT requires an external pullup resistor.
GATE0
20
O
GATE1
18
Gate drive output. GATE0 through GATE3 outputs are derived from the VBAT supply voltage. Internal clamps
GATE2
17
g
BAT
yg
prevent voltages on these nodes from exceeding the VGS rating on most FETs.
GATE3
15
GND
13
I
Ground and substrate
IN0
4
I
IN1
5
Parallel gate driver. IN0 through IN3 are real-time controls for the gate predrive circuitry. They are CMOS
IN2
6
gg
g
y
y
compatible with hysteresis.
IN3
7
RESET
22
I
Reset. A high-to-low transition of RESET clears all registers and flags. Gate outputs turn off and the FLT flag
is cleared.
SCLK
11
I
Serial clock. SCLK clocks the shift register. Serial data is clocked into SDI and serial fault data is clocked out
of SDO on the falling edge of the serial clock.
SDI
10
I
Serial data input. Output control data is clocked into the serial register through SDI. A 1 on SDI commands a
particular gate output on and a 0 turns it off.
SDO
9
O
Serial data output. SDO is a 3-state output that transfers fault data to the controlling device. It also passes serial
input data to the next stage for cascaded operation. SDO is taken to a high-impedance state when CS is in a
high state.
VBAT
24
I
Battery supply voltage
VCC
12
I
Logic supply voltage
VCOMPEN
2
I
Fault reference voltage select. VCOMPEN selects the internally generated fault reference voltage (0) or an
external fault reference (1) to be used in the shorted- and open-load fault detection circuitry.
VCOMP
3
I
Fault reference voltage. VCOMP provides an external fault reference voltage for the shorted-load and
open-load fault detection circuitry.


Número de pieza similar - TPIC44L01DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC44L01DB TI-TPIC44L01DB Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBG4 TI-TPIC44L01DBG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBR TI-TPIC44L01DBR Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Descripción similar - TPIC44L01DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com