Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2045P Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS2045P
Descripción Electrónicos  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2045P Datasheet(HTML) 5 Page - Texas Instruments

  TPS2045P Datasheet HTML 1Page - Texas Instruments TPS2045P Datasheet HTML 2Page - Texas Instruments TPS2045P Datasheet HTML 3Page - Texas Instruments TPS2045P Datasheet HTML 4Page - Texas Instruments TPS2045P Datasheet HTML 5Page - Texas Instruments TPS2045P Datasheet HTML 6Page - Texas Instruments TPS2045P Datasheet HTML 7Page - Texas Instruments TPS2045P Datasheet HTML 8Page - Texas Instruments TPS2045P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS2045, TPS2055
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS182 – APRIL 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(EN)= 0 V, VI(EN) = Hi (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2045
TPS2055
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI(IN) = 5 V,
IO = 0.25 A
TJ = 25°C,
80
95
80
95
Static drain-source on-state
resistance, 5-V operation
VI(IN) = 5 V,
IO = 0.25 A
TJ = 85°C,
90
120
90
120
rDS( )
VI(IN) = 5 V,
IO = 0.25 A
TJ = 125°C,
100
135
100
135
m
rDS(on)
VI(IN) = 3.3 V,
IO = 0.25 A
TJ = 25°C,
85
105
85
105
Static drain-source on-state
resistance, 3.3-V operation
VI(IN) = 3.3 V,
IO = 0.25 A
TJ = 85°C,
100
135
100
135
VI(IN) = 3.3 V,
IO = 0.25 A
TJ = 125°C,
115
150
115
150
t
Rise time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
2.5
2.5
ms
tr
Rise time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
3
3
ms
tf
Fall time output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
4.4
4.4
ms
tf
Fall time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 20 Ω
2.5
2.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input EN or EN
PARAMETER
TEST CONDITIONS
TPS2045
TPS2055
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
2
V
VIL
Low level input voltage
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
0.8
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 4.5 V
0.4
0.4
II
Input current
TPS2045
VI(EN) = 0 V or VI(EN) = VI(IN)
–0.5
0.5
µA
II
Input current
TPS2055
VI(EN) = VI(IN) or VI(EN) = 0 V
–0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL = 20 Ω
20
20
ms
toff
Turnoff time
CL = 100 µF, RL = 20 Ω
40
40
current limit
PARAMETER
TEST CONDITIONS†
TPS2045
TPS2055
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
VI(IN) = 5 V, OUT connected to GND,
Device enabled into short circuit
0.345
0.44
0.525
0.345
0.44
0.525
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Número de pieza similar - TPS2045P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2045 TI-TPS2045 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2045 TI-TPS2045 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045 TI1-TPS2045 Datasheet
731Kb / 25P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2045P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com