Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2047D Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS2047D
Descripción Electrónicos  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2047D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2047D Datasheet HTML 7Page - Texas Instruments TPS2047D Datasheet HTML 8Page - Texas Instruments TPS2047D Datasheet HTML 9Page - Texas Instruments TPS2047D Datasheet HTML 10Page - Texas Instruments TPS2047D Datasheet HTML 11Page - Texas Instruments TPS2047D Datasheet HTML 12Page - Texas Instruments TPS2047D Datasheet HTML 13Page - Texas Instruments TPS2047D Datasheet HTML 14Page - Texas Instruments TPS2047D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
4.5
4
3.5
3
2.5
3
3.5
4
4.5
5
5.5
TURNON DELAY
vs
INPUT VOLTAGE
6
5
5.5
6
VI – Input Voltage – V
CL = 1 µF
RL = 20 Ω
TA = 25°C
Figure 13
15
13
9
7
2.5
3
3.5
4
4.5
TURNOFF DELAY
vs
INPUT VOLTAGE
5
5.5
6
11
VI – Input Voltage – V
CL = 1 µF
RL = 20 Ω
TA = 25°C
Figure 14
2.5
2.4
2.3
0
0.05
0.1
0.15
0.2
0.25
2.6
RISE TIME
vs
LOAD CURRENT
2.7
0.3
0.35
0.4
IL – Load Current – A
VI (INx) = 5 V
TA = 25°C
Figure 15
2.75
2.7
2.65
0
0.05
0.1
0.15
0.2
0.25
2.8
FALL TIME
vs
LOAD CURRENT
2.85
0.3
0.35
0.4
IL – Load Current – A
VI (INx) = 5 V
TA = 25°C


Número de pieza similar - TPS2047D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047 Datasheet
597Kb / 27P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI-TPS2047A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI1-TPS2047A Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2047D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2047 TI1-TPS2047_14 Datasheet
597Kb / 27P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com