Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2331D Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS2331D
Descripción Electrónicos  SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2331D Datasheet(HTML) 4 Page - Texas Instruments

  TPS2331D Datasheet HTML 1Page - Texas Instruments TPS2331D Datasheet HTML 2Page - Texas Instruments TPS2331D Datasheet HTML 3Page - Texas Instruments TPS2331D Datasheet HTML 4Page - Texas Instruments TPS2331D Datasheet HTML 5Page - Texas Instruments TPS2331D Datasheet HTML 6Page - Texas Instruments TPS2331D Datasheet HTML 7Page - Texas Instruments TPS2331D Datasheet HTML 8Page - Texas Instruments TPS2331D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS2330, TPS2331
SINGLE HOT SWAP POWER CONTROLLER WITH
CIRCUIT BREAKER AND POWER-GOOD REPORTING
SLVS277A – MARCH 2000– REVISED APRIL 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Input voltage range: VI(IN), VI(ISENSE), VI(VSENSE),VI(ISET), VI(ENABLE)
–0.3 V to 15 V
. . . . . . . . . . . . . . .
Output voltage range:
VO(GATE)
–0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO(DISCH), VO(PWRGD), VO(FAULT), VO(VREG), VO(TIMER)
–0.3 V to 15V
. . . . . . .
Sink current range:
IGATE, IDISCH
0 mA to 100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IPWRGD, ITIMER, IFAULT
0 mA to 10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are respect to DGND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PW-14
755 mW
10.07 mW/
°C
302 mW
151 mW
D-14
613 mW
8.18 mW/
°C
245 mW
123 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage, VI
VI(IN), VI(ISENSE), VI(VSENSE), VI(ISET)
3
13
V
VREG voltage, VO(VREG), when VREG is directly connected to IN
2.95
5.5
V
Operating virtual junction temperature, TJ
–40
100
°C


Número de pieza similar - TPS2331D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2331 TI-TPS2331 Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331ID TI-TPS2331ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331IDG4 TI-TPS2331IDG4 Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results

Descripción similar - TPS2331D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Texas Instruments
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com