Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSD-892 Datasheet(PDF) 1 Page - Premier Magnetics, Inc. |
|
TSD-892 Datasheet(HTML) 1 Page - Premier Magnetics, Inc. |
1 / 2 page 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 • TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com Specifications subject to change without notice. 1 mlsuport 09/98 SUPPORT PRODUCTS FOR MICRO LINEAR I.C.'S M P Premier Magnetics Inc. "INNOVATORS IN MAGNETICS TECHNOLOGY" Magnetics Micro Linear's ML4824 Switcher Magnetics For Micro Linear's Ballast IC's GENERAL APPLICATION ML4824-1 SCHEMATIC Premier Magnetics' TSD-735 Switch Mode Transformer was designed for use with MICRO LINEAR'S ML4824-1 PFC/PWM Combination off-line controller IC, in the Two Transistor Single-Ended Forward Converter Configuration. This converter topology can provide isolated multiple outputs with efficiencies up to 90%. Premiers' TSD-735 transformer has been optimized to provide maximum power throughput and to provide the necessary bias voltage for the ML4824-1 and it's auxiliary circuitry. The ML4824-1 from Micro Linear is highly integrated power supply controller, incorporating a PFC front end operating at 100KHz, and a synchronized PWM switching regulator running @ 50KHz. This combination provides all necessary functions for a Universal-Input, Power Factor Corrected DC power supply in the 50 to 500W output range. The TSD- 734 boost inductor and TSD-735 output transformer are critical to the performance of the circuit. Together they define the harmonic reduction, efficiency, output power and the size of the Power Factor Correction and DC output stages. Below is a typical universal input, high precision application circuit utilizing Micro Linear's ML4824-1 PFC/PWM control IC. The AC mains voltage is power factor corrected and boosted to 382VDC by the PFC half of the ML4824-1 and the TSD-734 PFC boost inductor. The PWM half of the ML4824-1 and the PMGD-03 gate drive transformer then provide the MOSFET gate drives for operating the TSD-735 output transformer which converts the 382VDC hot rail to a regulated 12VDC, 100W output. Recommended component values can be obtained from Micro-Linear's ML4824- 1 application notes. Evaluation boards are available from Micro Linear. D S G C1 F1 LINE NEUT 90-260Vac 50/60Hz R2A R2B R3 R4 C3 C2 R1A R1B R27 L1 TSD-734 R21 D9 C30 C5 D1 C4 D2 R7A R7B D S G D7 R30 R17 C25 C7 C7 R12 IEAO IAC ISENSE VRMS SS VDC RAMP1 RAMP2 1 2 3 4 5 6 7 8 VEAO FB REF VCC V01 V02 GND DCILIM 16 15 14 13 12 11 10 9 ML4824 Vout +12V 12V RETURN D11B L2 VTP-05007 D11A C24 C21 R18 D5 +382VDC HOT RAIL D S G R20A R14 C20 R20B R19 D6 R15 R8 C11 D8 D10 R10 C17 R13 C E A C R C A U3 C23 U2 R26 R24 R23 C22 R25 R22 R16 C10 Q4 R9 D4 D3 C12 3 1 7 & 8 11 & 12 6 5 1 3 4 6 36 >> >> >> >> R28 C15 C16 C13 C14 R11 C8 C9 R6 C18 C19 R5A R5B R5C R5D T1 PMGD-03 (TSD-736) T2 TSD-735 Q1 Q2 Q3 ~ ~ + - BR1 100WATT PFC UNIVERSAL OFF-LINE SWITCHING MAGNETICS |
Número de pieza similar - TSD-892 |
|
Descripción similar - TSD-892 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |