Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2815P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2815P
Descripción Electrónicos  DUAL HIGH-SPEED MOSFET DRIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2815P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2815P Datasheet HTML 7Page - Texas Instruments TPS2815P Datasheet HTML 8Page - Texas Instruments TPS2815P Datasheet HTML 9Page - Texas Instruments TPS2815P Datasheet HTML 10Page - Texas Instruments TPS2815P Datasheet HTML 11Page - Texas Instruments TPS2815P Datasheet HTML 12Page - Texas Instruments TPS2815P Datasheet HTML 13Page - Texas Instruments TPS2815P Datasheet HTML 14Page - Texas Instruments TPS2815P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
8
6
2
0
46
8
10
10
14
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
16
12
14
4
12
Duty Cycle = 50%
CL = 1 nF
1 MHz
40 kHz
500 kHz
100 kHz
75 kHz
VCC – Supply Voltage – V
Figure 9
1.5
1
0.5
0
0
0.5
1
2
SUPPLY CURRENT
vs
LOAD CAPACITANCE
2.5
1.5
2
VCC = 10 V
f = 100 kHz
TA = 25°C
CL – Load Capacitance – nF
Figure 10
1.15
1.13
1.12
1.1
–50
–25
0
25
50
1.16
1.18
1.2
75
100
125
1.19
1.17
1.14
1.11
SUPPLY CURRENT
vs
AMBIENT TEMPERATURE
CL = 1 nF
VCC = 10 V
Duty Cycle = 50%
f = 100 kHz
TA – Temperature – °C
Figure 11
TA = 25°C
5
3
2
0
46
8
10
7
8
9
12
14
6
4
1
+ Threshold
– Threshold
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V


Número de pieza similar - TPS2815P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2815P TI1-TPS2815P Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PE4 TI1-TPS2815PE4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PWLE TI1-TPS2815PWLE Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PWR TI1-TPS2815PWR Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PWRG4 TI1-TPS2815PWRG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
More results

Descripción similar - TPS2815P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com