Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3307-33Y Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS3307-33Y
Descripción Electrónicos  TRIPLE PROCESSOR SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3307-33Y Datasheet(HTML) 2 Page - Texas Instruments

  TPS3307-33Y Datasheet HTML 1Page - Texas Instruments TPS3307-33Y Datasheet HTML 2Page - Texas Instruments TPS3307-33Y Datasheet HTML 3Page - Texas Instruments TPS3307-33Y Datasheet HTML 4Page - Texas Instruments TPS3307-33Y Datasheet HTML 5Page - Texas Instruments TPS3307-33Y Datasheet HTML 6Page - Texas Instruments TPS3307-33Y Datasheet HTML 7Page - Texas Instruments TPS3307-33Y Datasheet HTML 8Page - Texas Instruments TPS3307-33Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
FUNCTION/TRUTH TABLES
TPS3307-18, TPS3307-25, TPS3307-33
SLVS199B – DECEMBER 1998 – REVISED OCTOBER 2004
An internal timer delays the return of the RESET output to the inactive state (high) to ensure proper system
reset. The delay time, td (typ) = 200ms, starts after all SENSEn inputs have risen above the threshold voltage VIT+.
When the voltage at any SENSE input drops below the threshold voltage VIT-, the RESET output becomes active
(low) again.
The TPS3307-xx family of devices incorporates a manual reset input, MR. A low level at MR causes RESET to
become active. In addition to the active-low RESET output, the TPS3307-xx family includes an active-high
RESET output.
The devices are available in either 8-pin MSOP or standard 8-pin SO packages.
The TPS3307-xx devices are characterized for operation over a temperature range of –40
°C to 85°C.
SUPPLY VOLTAGE MONITORING
NOMINAL SUPERVISED VOLTAGE
THRESHOLD VOLTAGE (TYP)
DEVICE
SENSE1
SENSE2
SENSE3
SENSE1
SENSE2
SENSE3
TPS3307-18
3.3V
1.8V
User defined
2.93V
1.68V
1.25V(1)
TPS3307-25
3.3V
2.5V
User defined
2.93V
2.25V
1.25V(1)
TPS3307-33
5V
3.3V
User defined
4.55V
2.93V
1.25V(1)
(1)
The actual sense voltage has to be adjusted by an external resistor divider according to the application requirements.
AVAILABLE OPTIONS
PACKAGED DEVICES
MARKING
CHIP FORM
PowerPAD™
TA
SMALL OUTLINE
DGN PACKAGE
(Y)
µ-SMALL OUTLINE
(D)
(DGN)
TPS3307-18D
TPS3307-18DGN
TIAAP
TPS3307-18Y
-40
°C to 85°C
TPS3307-25D
TPS3307-25DGN
TIAAQ
TPS3307-25Y
TPS3307-33D
TPS3307-33DGN
TIAAR
TPS3307-33Y
MR
SENSE1 > VIT1
SENSE2 > VIT2
SENSE3 > VIT3
RESET
RESET
L
X(1)
X(1)
X
L
H
H
0
0
0
L
H
H
0
0
1
L
H
H
0
1
0
L
H
H
0
1
1
L
H
H
1
0
0
L
H
H
1
0
1
L
H
H
1
1
0
L
H
H
1
1
1
H
L
(1)
X = Don't care
2


Número de pieza similar - TPS3307-33Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3307-33 TI-TPS3307-33 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-33-EP TI-TPS3307-33-EP Datasheet
529Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-33D TI1-TPS3307-33D Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-33DG4 TI1-TPS3307-33DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-33DGN TI1-TPS3307-33DGN Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Descripción similar - TPS3307-33Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com