Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3244 Datasheet(PDF) 1 Page - ASM GmbH

No. de pieza 3244
Descripción Electrónicos  Field Measuring Instruments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASM-SENSOR [ASM GmbH]
Página de inicio  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3244 Datasheet(HTML) 1 Page - ASM GmbH

  3244 Datasheet HTML 1Page - ASM GmbH 3244 Datasheet HTML 2Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safe!
Bears the CE mark!
q Bears the CE mark
q Card size: only 9.5mm thick and 60g in weight
q 4199 measurement count
q Automatic power saving function
q Automatic range function
q 150 hours of continuous operation
q Overload circuit protection to 250V
q Test leads fit nicely in the case
Light!
Only 60g in weight!
Small!
Only 9.5mm thick
3244 CARD HiTESTER
Field Measuring Instruments
A card size DMM with the
emphasis on safety
from NAGANO
, JAPAN
Actual size
Complies with the
following standards:
IEC61010
EMC
CAT II 500V
Features


Número de pieza similar - 3244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
3244 KR-3244 Datasheet
58Kb / 2P
   100 Hz Highpass Filter
logo
Heyco.
3244 HEYCO-3244 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adels-Contact
324402 ADELS-324402 Datasheet
137Kb / 1P
   GSK 820 H/ 2
logo
PHOENIX CONTACT
3244025 PHOENIX-3244025 Datasheet
115Kb / 9P
   Mini feed-through terminal block - MSB 2,5 BU
09/12/2020
logo
Adels-Contact
324403 ADELS-324403 Datasheet
118Kb / 1P
   GSK 820 H/ 3
More results

Descripción similar - 3244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TOKYO SEIMITSU CO., LTD
SURFCOMNEX ACCRETECH-SURFCOMNEX Datasheet
752Kb / 8P
   Surface Texture and Contour Integrated Measuring Instruments
logo
Testo SE & Co. KGaA
TESTO315-4 TESTO-TESTO315-4 Datasheet
427Kb / 4P
   CO measuring instruments and gas spillage detectors
logo
Sharp Corporation
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LQ104V1DG11 SHARP-LQ104V1DG11 Datasheet
119Kb / 1P
   Color TFT-LCD Module(Measuring instruments/Banking terminals)
LQ10D421 SHARP-LQ10D421 Datasheet
118Kb / 1P
   Color TFT-LCD Module(FA/Industrial/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM12S49 SHARP-LM12S49 Datasheet
114Kb / 1P
   Color STN-LCD Module(FA/POS/Measuring instruments)
LM40A21 SHARP-LM40A21 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com