Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS56302 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS56302
Descripción Electrónicos  DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS56302 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS56302 Datasheet HTML 2Page - Texas Instruments TPS56302 Datasheet HTML 3Page - Texas Instruments TPS56302 Datasheet HTML 4Page - Texas Instruments TPS56302 Datasheet HTML 5Page - Texas Instruments TPS56302 Datasheet HTML 6Page - Texas Instruments TPS56302 Datasheet HTML 7Page - Texas Instruments TPS56302 Datasheet HTML 8Page - Texas Instruments TPS56302 Datasheet HTML 9Page - Texas Instruments TPS56302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS56302
DUAL-OUTPUT LOW-INPUT-VOLTAGE
DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
SLVS289 – MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics TJ = 0° to 125°C, VCC = 2.8 V to 5.5 V (unless otherwise noted)
input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply voltage range
2.8
5.5
V
ICC
Quiescent current
INHIBIT = 0 V,
VCC = 5 V
15
mA
NOTE 2: Ensured by design, not production tested.
reference/voltage identification
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VID0–VID1
High-level input voltage (2)
VBIAS – 0.3 V
V
VID0–VID1
Mid-level floating voltage (1)
V
BIAS
2
* 1
V
BIAS
2
) 1
V
VID0–VID1
Low-level input voltage (0)
0.3
V
Input pull-to-mid resistance
36.5
73
95
k
cumulative reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VREF = 1.3 V,
Hysteresis window = 30 mV,
TJ = 25°C
–1.3%
0.25%
1.3%
Cumulative accuracy ripple regulator
VREF = 1.3 V,
Hysteresis window = 30 mV,
TJ = –40°C,
See Note 2
–0.2%
VREF = full range,
Hysteresis window = 30 mV,
Droop = 0,
See Note 2
–1.5%
1.5%
Cumulative accuracy LDO
VREF = 1.3 V,
IO = 0.1 A,
Closed Loop,
Pass device = IRFZ24N,
TJ = 25°C,
See Note 2
–2%
2%
y
VREF = full range,
IO = 0.1 A,
Closed Loop,
Pass device = IRFZ24N,
See Note 2
–2.5%
2.5%
NOTE 2. Ensured by design, not production tested.
buffered reference
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFB output voltage
IREFB=50 µA,
Accuracy from VREF nominal
VREF
–1.5%
VREF
VREF
+1.5%
V
VREFB output voltage
IREFB=50 µA,
Accuracy from VREF nominal
TJ = –40°C,
See Note 2
VREF–0.6%
V
VREFB load regulation
10
µA < IREFB < 500 µA
2
mV
NOTE 2. Ensured by design, not production tested.
hysteretic comparator(ripreg)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input bias current
See Note 2
500
nA
Hysteresis accuracy
VVREFB – VVHYST = 15 mV,
Hysteresis window = 30 mV
–3.5
3.5
mV
Maximum hysteresis setting
VVREFB – VVHYST = 30 mV,
See Note 2
60
mV
Propagation delay time from VSENSE to HIGHDR or
LOWDR (excluding deadtime)
10 mV overdrive,
1.3 V <= VREF <= 3.3 V,
See Note 2
150
250
ns
Prefilter pole frequency
See Note 2
5
MHz
NOTE 2. Ensured by design, not production tested.


Número de pieza similar - TPS56302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI1-TPS56300 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300EVM-139 TI-TPS56300EVM-139 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300PWP TI-TPS56300PWP Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300PWP TI1-TPS56300PWP Datasheet
1Mb / 40P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
More results

Descripción similar - TPS56302

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS56300 TI1-TPS56300_16 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com