Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60101PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60101PWP
Descripción Electrónicos  REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS60101PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPS60101PWP Datasheet HTML 1Page - Texas Instruments TPS60101PWP Datasheet HTML 2Page - Texas Instruments TPS60101PWP Datasheet HTML 3Page - Texas Instruments TPS60101PWP Datasheet HTML 4Page - Texas Instruments TPS60101PWP Datasheet HTML 5Page - Texas Instruments TPS60101PWP Datasheet HTML 6Page - Texas Instruments TPS60101PWP Datasheet HTML 7Page - Texas Instruments TPS60101PWP Datasheet HTML 8Page - Texas Instruments TPS60101PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS60101
REGULATED 3.3-V 100-mA LOW-NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS214A – JUNE 1999 – REVISED SEPTEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings (unless otherwise noted)†‡
Input voltage range, VI (IN, OUT, ENABLE, SKIP, COM, 3V8, FB, SYNC)
–0.3 V to 5.5 V
. . . . . . . . . . . . . . . .
Differential input voltage, VID (C1+, C2+ to GND)
–0.3 V to (VOUT + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (C1–, C2– to GND)
–0.3 V to (VIN + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10s
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ VENABLE,VSKIP,VCOM,V3V8andVSYNCcanexceedVINuptothemaximumratedvoltagewithoutincreasingtheleakagecurrentdrawnbythese
mode select inputs.
DISSIPATION RATING TABLE 1 – FREE-AIR TEMPERATURE (see Figure 3)
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
PWP
700 mW
5.6 mW/
°C
448 mW
364 mW
DISSIPATION RATING TABLE 2 – CASE TEMPERATURE (see Figure 4)
PACKAGE
TC ≤ 62.5°C
DERATING FACTOR
TC = 70°C
TC = 85°C
PACKAGE
C
POWER RATING
ABOVE TC = 62.5°C
C
POWER RATING
C
POWER RATING
PWP
25 W
285.7 mW/
°C
22.9 W
18.5 W
Figure 3
1200
800
400
0
25
50
75
100
DISSIPATION DERATING CURVE§
vs
FREE-AIR TEMPERATURE
125
150
1400
1000
600
200
PWP Package
R
θJA = 178°C/W
TA – Free-Air Temperature – °C
Figure 4
MAXIMUM CONTINUOUS DISSIPATION§
vs
CASE TEMPERATURE
TC – Case Temperature – °C
15
10
5
0
25
50
75
100
20
25
30
125
150
Measured with the exposed thermal pad
coupled to an infinite heat sink with a
thermally conductive compound (the
thermal conductivity of the compound
is 0.815 W/m
⋅°C). The RθJC is 3.5°C/W.
PWP Package
§ Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150
°C.
It is recommended not to exceed a junction temperature of 125
°C.


Número de pieza similar - TPS60101PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60101PWP TI1-TPS60101PWP Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101PWPG4 TI1-TPS60101PWPG4 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Descripción similar - TPS60101PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI1-TPS60101_16 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com