Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5633PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5633PWP
Descripción Electrónicos  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5633PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5633PWP Datasheet HTML 6Page - Texas Instruments TPS5633PWP Datasheet HTML 7Page - Texas Instruments TPS5633PWP Datasheet HTML 8Page - Texas Instruments TPS5633PWP Datasheet HTML 9Page - Texas Instruments TPS5633PWP Datasheet HTML 10Page - Texas Instruments TPS5633PWP Datasheet HTML 11Page - Texas Instruments TPS5633PWP Datasheet HTML 12Page - Texas Instruments TPS5633PWP Datasheet HTML 13Page - Texas Instruments TPS5633PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177A – SEPTEMBER 1998 – REVISED NOVEMBER 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 12 V, IDRV = 0 A (unless otherwise noted) (continued)
high-side VDS sensing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain
2
V/V
Initial accuracy
VHISENSE = 12 V,
VLOSENSE = 11.9 V
194
206
mV
Initial accuracy
Differential input to Vds sensing amp = 100 mV
194
206
mV
IOUTLO sink current
5 V
≤ VIOUTLO ≤ 13 V
250
nA
IOUT source current
VIOUT = 0.5 V,
VIOUTLO = 11.5 V
VHISENSE = 12 V,
500
µA
IOUT sink current
VIOUT = 0.05 V,
VIOUTLO = 12 V
VHISENSE = 12 V,
50
µA
VHISENSE = 11 V
0
2
Output voltage swing
VHISENSE = 4.5 V
RIOUT = 10 kΩ
0
1.5
V
VHISENSE = 3 V
0
0.75
LOSENSE high-level input voltage
VHISENSE = 4.5 V,
See Note 2
2.85
V
LOSENSE low-level input voltage
VHISENSE = 4.5 V,
See Note 2
2.4
V
11.4 V
≤ VHISENSE ≤ 12.6 V,
LOSENSE connected to HISENSE,
VHISENSE – VIOUTLO = 0.15 V
50
60
80
Sample/hold resistance
4.5 V
≤ VHISENSE ≤ 5.5 V,
LOSENSE connected to HISENSE,
VHISENSE – VIOUTLO = 0.15 V
62
85
123
3 V
≤ VHISENSE ≤ 3.6 V,
LOSENSE connected to HISENSE,
VHISENSE – VIOUTLO = 0.15 V
67
95
144
CMRR
VHISENSE = 12.6 V to 3 V,
VHISENSE – VOUTLO = 100 mV
69
75
dB
NOTE 2: Ensured by design, not tested.
deadtime
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOHIB
High level input voltage
See Note 2
2.4
V
LODR
High-level input voltage
See Note 2
3
V
LOHIB
Low level input voltage
See Note 2
1.4
V
LODR
Low-level input voltage
See Note 2
1.7
V
NOTE 2: Ensured by design, not tested.
LODRV
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LODRV
High-level input voltage
1.85
V
LODRV
Low-level input voltage
0.95
V
drive regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
11.4 V
≤ VCC ≤ 12.6 V, IDRV = 50 mA
7
9
V
Output regulation
1 mA
≤ IDRV ≤ 500 mA
100
mV
Short-circuit current
100
mA


Número de pieza similar - TPS5633PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5633PWP TI-TPS5633PWP Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5633PWPR TI-TPS5633PWPR Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
More results

Descripción similar - TPS5633PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com