Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71025Y Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza TPS71025Y
Descripción Electrónicos  LOW-DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS71025Y Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS71025Y Datasheet HTML 12Page - Texas Instruments TPS71025Y Datasheet HTML 13Page - Texas Instruments TPS71025Y Datasheet HTML 14Page - Texas Instruments TPS71025Y Datasheet HTML 15Page - Texas Instruments TPS71025Y Datasheet HTML 16Page - Texas Instruments TPS71025Y Datasheet HTML 17Page - Texas Instruments TPS71025Y Datasheet HTML 18Page - Texas Instruments TPS71025Y Datasheet HTML 19Page - Texas Instruments TPS71025Y Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TPS71025
LOW-DROPOUT VOLTAGE REGULATOR
SLVS162A – MAY 1997 – REVISED MAY 1998
16
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
external capacitor requirements (continued)
All load and temperature conditions with up to 1
µF of added ceramic load capacitance:
PART NO.
MFR.
VALUE
MAX ESR
SIZE (H
× L × W)
T421C226M010AS
Kemet
22
µF, 10 V
0.5
2.8
× 6 × 3.2
593D156X0025D2W
Sprague 15
µF, 25 V
0.3
2.8
× 7.3 × 4.3
593D106X0035D2W
Sprague 10
µF, 35 V
0.3
2.8
× 7.3 × 4.3
TPSD106M035R0300
AVX
10
µF, 35 V
0.3
2.8
× 7.3 × 4.3
Load < 200 mA, ceramic load capacitance < 0.2
µF, full temperature range:
PART NO.
MFR.
VALUE
MAX ESR
SIZE (H
× L × W)
592D156X0020R2T
Sprague 15
µF, 20 V
1.1
1.2
× 7.2 × 6
595D156X0025C2T
Sprague 15
µF, 25 V
1
2.5
× 7.1 × 3.2
595D106X0025C2T
Sprague 10
µF, 25 V
1.2
2.5
× 7.1 × 3.2
293D226X0016D2W
Sprague 22
µF, 16 V
1.1
2.8
× 7.3 × 4.3
Load < 100 mA, ceramic load capacitance < 0.2
µF, full temperature range:
PART NO.
MFR.
VALUE
MAX ESR
SIZE (H
× L × W)
195D106X06R3V2T
Sprague 10
µF, 6.3 V
1.5
1.3
× 3.5 × 2.7
195D106X0016X2T
Sprague 10
µF, 16 V
1.5
1.3
× 7 × 2.7
595D156X0016B2T
Sprague 15
µF, 16 V
1.8
1.6
× 3.8 × 2.6
695D226X0015F2T
Sprague 22
µF, 15 V
1.4
1.8
× 6.5 × 3.4
695D156X0020F2T
Sprague 15
µF, 20 V
1.5
1.8
× 6.5 × 3.4
695D106X0035G2T
Sprague 10
µF, 35 V
1.3
2.5
× 7.6 × 2.5
† Size is in mm. ESR is maximum resistance at 100 kHz and TA = 25°C. Listings are sorted by height.


Número de pieza similar - TPS71025Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71025 TI1-TPS71025 Datasheet
876Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
TPS71025 TI-TPS71025 Datasheet
632Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
TPS71025D TI1-TPS71025D Datasheet
876Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
TPS71025DG4 TI1-TPS71025DG4 Datasheet
876Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
TPS71025DR TI1-TPS71025DR Datasheet
876Kb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - TPS71025Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com