Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71H33Q Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS71H33Q
Descripción Electrónicos  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS71H33Q Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS71H33Q Datasheet HTML 2Page - Texas Instruments TPS71H33Q Datasheet HTML 3Page - Texas Instruments TPS71H33Q Datasheet HTML 4Page - Texas Instruments TPS71H33Q Datasheet HTML 5Page - Texas Instruments TPS71H33Q Datasheet HTML 6Page - Texas Instruments TPS71H33Q Datasheet HTML 7Page - Texas Instruments TPS71H33Q Datasheet HTML 8Page - Texas Instruments TPS71H33Q Datasheet HTML 9Page - Texas Instruments TPS71H33Q Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW-DROPOUT VOLTAGE REGULATORS
SLVS152B – NOVEMBER 1996 – REVISED AUGUST 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
TPS71H01Q
2.5
10
Input voltage V †
TPS71H33Q
3.77
10
V
Input voltage, VI†
TPS71H48Q
5.2
10
V
TPS71H50Q
5.33
10
High-level input voltage at EN, VIH
2
V
Low-level input voltage at EN, VIL
0.5
V
Output current range, IO
0
500
mA
Operating virtual junction temperature range, TJ
– 40
125
°C
† Minimum input voltage defined in the recommended operating conditions is the maximum specified output voltage plus dropout voltage at the
maximum specified load range. Since dropout voltage is a function of output current, the usable range can be extended for lighter loads. To
calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load)
Because the TPS71H01 is programmable, rDS(on) should be used to calculate VDO before applying the above equation. The equation for
calculating VDO from rDS(on) is given in Note 2 in the electrical characteristics table. The minimum value of 2.5 V is the absolute lower limit for
the recommended input voltage range for the TPS71H01.
electrical characteristics at IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω, SENSE/FB shorted to OUT
(unless otherwise noted)
PARAMETER
TEST CONDITIONS§
TJ
TPS71H01Q, TPS71H33Q
TPS71H48Q, TPS71H50Q
UNIT
PARAMETER
TEST CONDITIONS§
TJ
MIN
TYP
MAX
UNIT
Ground current (active mode)
EN
≤ 0.5 V,
VI = VO + 1 V,
25
°C
285
350
A
Ground current (active mode)
EN
≤ 0.5 V,
VI = VO + 1 V,
0 mA
≤ IO ≤ 500 mA
– 40
°C to 125°C
460
µA
Input current (standby mode)
EN
V
27 V
≤ V ≤ 10 V
25
°C
0.5
A
Input current (standby mode)
EN = VI,
2.7 V
≤ VI ≤ 10 V
– 40
°C to 125°C
2
µA
Output current limit
V0
V10 V
25
°C
1.2
2
A
Output current limit
VO = 0,
VI = 10 V
– 40
°C to 125°C
2
A
Pass-element leakage current in standby
EN
V
27 V
≤ V ≤ 10 V
25
°C
0.5
A
Pass element leakage current in standby
mode
EN = VI,
2.7 V
≤ VI ≤ 10 V
– 40
°C to 125°C
1
µA
PG leakage current
Normal operation
V10 V
25
°C
0.02
0.5
A
PG leakage current
Normal operation,
VPG = 10 V
– 40
°C to 125°C
0.5
µA
Output voltage temperature coefficient
– 40
°C to 125°C
61
75
ppm/
°C
Thermal shutdown junction temperature
165
°C
EN logic high (standby mode)
2.5 V
≤ VI ≤ 6 V
40
°Cto125°C
2
V
EN logic high (standby mode)
6 V
≤ VI ≤ 10 V
– 40
°C to 125°C
2.7
V
EN logic low (active mode)
27 V
≤ V ≤ 10 V
25
°C
0.5
V
EN logic low (active mode)
2.7 V
≤ VI ≤ 10 V
– 40
°C to 125°C
0.5
V
EN hysteresis voltage
25
°C
50
mV
EN input current
0V
≤ V ≤ 10 V
25
°C
– 0.5
0.5
A
EN input current
0 V
≤ VI ≤ 10 V
– 40
°C to 125°C
– 0.5
0.5
µA
Minimum V for active pass element
25
°C
2.05
2.5
V
Minimum VI for active pass element
– 40
°C to 125°C
2.5
V
Minimum VI for valid PG
IPG = 300 µA
IPG = 300 µA
25
°C
1.06
1.5
V
Minimum VI for valid PG
IPG = 300 µA
IPG = 300 µA
– 40
°C to 125°C
1.9
V
‡ CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor, any
series resistance added externally, and PWB trace resistance to CO.
§ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Número de pieza similar - TPS71H33Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71H33Q TI1-TPS71H33Q Datasheet
1Mb / 46P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H33QPWPRQ1 TI1-TPS71H33QPWPRQ1 Datasheet
665Kb / 41P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS71H33Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com