Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61006DGS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61006DGS
Descripción Electrónicos  SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61006DGS Datasheet(HTML) 4 Page - Texas Instruments

  TPS61006DGS Datasheet HTML 1Page - Texas Instruments TPS61006DGS Datasheet HTML 2Page - Texas Instruments TPS61006DGS Datasheet HTML 3Page - Texas Instruments TPS61006DGS Datasheet HTML 4Page - Texas Instruments TPS61006DGS Datasheet HTML 5Page - Texas Instruments TPS61006DGS Datasheet HTML 6Page - Texas Instruments TPS61006DGS Datasheet HTML 7Page - Texas Instruments TPS61006DGS Datasheet HTML 8Page - Texas Instruments TPS61006DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006
SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279A – MARCH 2000 – REVISED MAY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
controller circuit
The device is based on a current-mode control topology using a constant-frequency pulse-width modulator to
regulate the output voltage. It runs at an oscillator frequency of 500 kHz. The current sense is implemented by
measuring the voltage across the switch. The controller also limits the current through the power switch on a
pulse by pulse basis. Care must be taken that the inductor saturation current is higher than the current limit of
the TPS6100x. This prevents the inductor from going into saturation and therefore protects both device and
inductor. The current limit should not become active during normal operating conditions.
The TPS6100x is designed for high efficiency over a wide output current range. Even at light loads the efficiency
stays high because the controller enters a power-save mode, minimizing switching losses of the converter. In
this mode, the controller only switches if the output voltage trips below a set threshold voltage. It ramps up the
output voltage with one or several pulses, and again goes into the power-save mode once the output voltage
exceeds the threshold voltage. The controller enters the power-save mode when the output current drops to
levels that force the discontinuous current mode. It calculates a minimum duty cycle based on input and output
voltage and uses the calculation for the transition out of the power-save mode into continuous current mode.
The control loop must be externally compensated with an R/C/C network connected to the COMP pin. See the
application section for more details on the design of the compensation network.
device enable
The device is put into operation when EN is set high. During start-up of the converter the input current from the
battery is limited until the voltage on COMP reaches its operating point. The device is put into a shutdown mode
when EN is set to GND. In this mode, the regulator stops switching and all internal control circuitry including
the low-battery comparator is switched off. The output voltage drops to one diode drop below the input voltage
in shutdown.
under-voltage lockout
An under-voltage lockout function prevents the device start-up if the supply voltage on VBAT is lower than
approximately 0.7 V. This under-voltage lockout function is implemented in order to prevent the malfunctioning
of the converter. When in operation and the battery is being discharged, the device will automatically enter the
shutdown mode if the voltage on VBAT drops below approximately 0.7 V.
If the EN pin is hardwired to VBAT and if the voltage at VBAT drops temporarily below the UVLO threshold voltage,
the device will switch off and will not start up again automatically, even if the supply voltage rises above 0.9 V.
The device will start up again only after a signal change from low to high on EN or if the battery voltage is
completely removed.


Número de pieza similar - TPS61006DGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61006DGS TI-TPS61006DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGS TI1-TPS61006DGS Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGSG4 TI1-TPS61006DGSG4 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGSR TI1-TPS61006DGSR Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61006DGSRG4 TI1-TPS61006DGSRG4 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Descripción similar - TPS61006DGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
   1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Bookly Micro electronic
BM0950HV BOOKLY-BM0950HV Datasheet
238Kb / 2P
   Step-up boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com