Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76628 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS76628
Descripción Electrónicos  ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS76628 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS76628 Datasheet HTML 5Page - Texas Instruments TPS76628 Datasheet HTML 6Page - Texas Instruments TPS76628 Datasheet HTML 7Page - Texas Instruments TPS76628 Datasheet HTML 8Page - Texas Instruments TPS76628 Datasheet HTML 9Page - Texas Instruments TPS76628 Datasheet HTML 10Page - Texas Instruments TPS76628 Datasheet HTML 11Page - Texas Instruments TPS76628 Datasheet HTML 12Page - Texas Instruments TPS76628 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TPS76615, TPS76618, TPS76625, TPS76627
TPS76628, TPS76630, TPS76633, TPS76650, TPS76601
ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS237 – AUGUST 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
f – Frequency – Hz
TPS76633
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
10
20
30
40
50
60
70
10.00
100.00 1000.0010000.00
100000.00
1000000.00
10000000.0
VI = 4.3 V
CO = 10 µF
IO = 250 mA
TA = 25°C
10
100
1k
10k
100k
1M
10M
Figure 11
f – Frequency – Hz
TPS76633
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 4.3 V
CO = 10 µF
TA = 25°C
1k
10k
100k
IO = 150 mA
IO = 1 mA
101
100
10–1
10–2
100
f – Frequency – Hz
TPS76633
OUTPUT IMPEDANCE
vs
FREQUENCY
VI = 4.3 V
CO = 10 µF
TA = 25°C
10
1k
10k
1M
IO = 250 mA
IO = 1 mA
100
100k
101
100
10–1
10–2
Figure 12


Número de pieza similar - TPS76628

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76628 TI1-TPS76628 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76628D TI1-TPS76628D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76628D TI1-TPS76628D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76628D TI1-TPS76628D Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
TPS76628DG4 TI1-TPS76628DG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS76628

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76515 TI-TPS76515 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76515 TI1-TPS76515_16 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00 Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com