Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7150YPW Datasheet(PDF) 19 Page - Texas Instruments

No. de pieza TPS7150YPW
Descripción Electrónicos  LOW-DROPOUT VOLTAGE REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS7150YPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS7150YPW Datasheet HTML 15Page - Texas Instruments TPS7150YPW Datasheet HTML 16Page - Texas Instruments TPS7150YPW Datasheet HTML 17Page - Texas Instruments TPS7150YPW Datasheet HTML 18Page - Texas Instruments TPS7150YPW Datasheet HTML 19Page - Texas Instruments TPS7150YPW Datasheet HTML 20Page - Texas Instruments TPS7150YPW Datasheet HTML 21Page - Texas Instruments TPS7150YPW Datasheet HTML 22Page - Texas Instruments TPS7150YPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092F – NOVEMBER 1994 – REVISED JANUARY 1997
19
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
0.01
0.1
f – Frequency – Hz
TPS7101Q
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
1
10
10
102
103
104
105
CO = 4.7 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
CO = 10 µF (CSR = 1 Ω)
TA = 25°C
No Input Capacitance
VI = 3.5 V
VO Programmed to 2.5 V
Figure 22
10
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
10
1
0.1
0.01
CO = 10 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
CO = 4.7 µF (CSR = 1 Ω)
TA = 25°C
No Input Capacitance
VI = 4.3 V
TPS7133Q
102
103
104
105
Figure 23
0.01
10
100
1 k
10 k
100 k
0.1
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
1
10
CO = 10 µF (CSR = 1 Ω)
CO = 4.7 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
f – Frequency – Hz
TPS7148Q
TA = 25°C
No Input Capacitance
VI = 5.85 V
Figure 24
10
100
1 k
10 k
100 k
CO = 10 µF (CSR = 1 Ω)
CO = 4.7 µF (CSR = 1 Ω)
CO = 100 µF (CSR = 1 Ω)
f – Frequency – Hz
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
TPS7150Q
10
1
0.1
0.01
TA = 25°C
No Input Capacitance
VI = 6 V


Número de pieza similar - TPS7150YPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7150Y TI-TPS7150Y Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150Y TI-TPS7150Y Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150Y TI-TPS7150Y Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7150Y TI1-TPS7150Y Datasheet
1Mb / 39P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS7150YPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com