Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS77027DBV Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS77027DBV
Descripción Electrónicos  ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS77027DBV Datasheet(HTML) 3 Page - Texas Instruments

  TPS77027DBV Datasheet HTML 1Page - Texas Instruments TPS77027DBV Datasheet HTML 2Page - Texas Instruments TPS77027DBV Datasheet HTML 3Page - Texas Instruments TPS77027DBV Datasheet HTML 4Page - Texas Instruments TPS77027DBV Datasheet HTML 5Page - Texas Instruments TPS77027DBV Datasheet HTML 6Page - Texas Instruments TPS77027DBV Datasheet HTML 7Page - Texas Instruments TPS77027DBV Datasheet HTML 8Page - Texas Instruments TPS77027DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210C – JUNE 1999 – REVISED SEPTEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
2
Ground
EN
3
I
Enable input
FB
4
I
Feedback voltage (TPS77001 only)
IN
1
I
Input supply voltage
NC
4
No connection (Fixed options only)
OUT
5
O
Regulated output voltage
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range
(see Note 1)
– 0.3 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
–0.3 V to VI + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on OUT, FB
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
Recommended
DBV
350 mW
3.5 mW/
°C
192 mW
140 mW
Absolute Maximum
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage, VI (see Note 2)
2.7
10
V
Output voltage range, VO
1.2
5.5
V
Continuous output current, IO (see Note 3)
0
50
mA
Operating junction temperature, TJ
–40
125
°C
NOTES:
2. To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
3. Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended
that the device operate under conditions beyond those specified in this table for extended periods of time.


Número de pieza similar - TPS77027DBV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS77027DBVR TI-TPS77027DBVR Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77027DBVRG4 TI-TPS77027DBVRG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77027DBVT TI-TPS77027DBVT Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77027DBVTG4 TI-TPS77027DBVTG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS77027DBV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com