Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN4015LK3-13 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMN4015LK3-13
Descripción Electrónicos  40V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4015LK3-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN4015LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 7Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMN4015LK3
Document Revision: 1
2 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4015LK3
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
40
V
Gate-Source voltage
VGS
±20
V
Continuous Drain current
VGS = 10V
(Note 3)
ID
20.8
A
TA=70°C (Note 3)
16.6
(Note 2)
13.5
Pulsed Drain current
VGS= 10V
(Note 4)
IDM
72.8
A
Continuous Source current (Body diode)
(Note 3)
IS
13.2
A
Pulsed Source current (Body diode)
(Note 4)
ISM
72.8
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power dissipation
Linear derating factor
(Note 2)
PD
4.36
34.8
W
mW/
°C
(Note 3)
10.3
82.4
(Note 5)
2.19
17.5
Thermal Resistance, Junction to Ambient
(Note 2)
RθJA
28.6
°C/W
(Note 3)
12.1
(Note 5)
57.0
Thermal Resistance, Junction to Lead
(Note 6)
RθJL
0.85
Operating and storage temperature range
TJ, TSTG
-55 to 150
°C
Notes:
2. For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
3. Same as note 2, except the device is measured at t
≤ 10 sec.
4. Same as note 2, except the device is pulsed with D = 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
5. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
6. Thermal resistance from junction to solder-point (at the end of the drain lead).


Número de pieza similar - DMN4015LK3-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN4010LFG DIODES-DMN4010LFG Datasheet
220Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMN4010LFG-13 DIODES-DMN4010LFG-13 Datasheet
226Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4010LFG-13 DIODES-DMN4010LFG-13 Datasheet
220Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMN4010LFG-7 DIODES-DMN4010LFG-7 Datasheet
226Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4010LFG-7 DIODES-DMN4010LFG-7 Datasheet
220Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Descripción similar - DMN4015LK3-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com