Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN4030LK3-13 Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMN4030LK3-13
Descripción Electrónicos  40V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4030LK3-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN4030LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMN4030LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMN4030LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMN4030LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMN4030LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMN4030LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMN4030LK3-13 Datasheet HTML 7Page - Diodes Incorporated DMN4030LK3-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMN4030LK3
Document Revision: 1
4 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4030LK3
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
40
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
0.5
μA
VDS= 40V, VGS= 0V
Gate-Source Leakage
IGSS
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 7)
RDS (ON)
0.030
VGS= 10V, ID= 12A
0.050
VGS= 4.5V, ID= 6A
Forward Transconductance (Notes 7 & 8)
gfs
22.8
S
VDS= 15V, ID= 12A
Diode Forward Voltage (Note 7)
VSD
0.95
1.1
V
IS= 12A, VGS= 0V
Reverse recovery time (Note 8)
trr
135
ns
IS= 12A, di/dt= 100A/μs
Reverse recovery charge (Note 8)
Qrr
799
nC
DYNAMIC CHARACTERISTICS (
Note 8)
Input Capacitance
Ciss
604
pF
VDS= 20V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
106
pF
Reverse Transfer Capacitance
Crss
59.6
pF
Total Gate Charge
Qg
6.5
nC
VGS= 4.5V
VDS= 20V
ID= 12A
Total Gate Charge
Qg
12.9
nC
VGS= 10V
Gate-Source Charge
Qgs
2.3
nC
Gate-Drain Charge
Qgd
3.6
nC
Turn-On Delay Time (Note 9)
tD(on)
4.2
ns
VDD= 20V, VGS= 10V
ID= 12A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 9)
tr
12.4
ns
Turn-Off Delay Time (Note 9)
tD(off)
13.8
ns
Turn-Off Fall Time (Note 9)
tf
10.7
ns
Notes:
7. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
8. For design aid only, not subject to production testing.
9. Switching characteristics are independent of operating junction temperatures.


Número de pieza similar - DMN4030LK3-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN4030LK3-13 DIODES-DMN4030LK3-13 Datasheet
654Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32008 Rev. 3 - 2
More results

Descripción similar - DMN4030LK3-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com