Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL082SG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza TL082SG-13
Descripción Electrónicos  GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL082SG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  TL082SG-13 Datasheet HTML 1Page - Diodes Incorporated TL082SG-13 Datasheet HTML 2Page - Diodes Incorporated TL082SG-13 Datasheet HTML 3Page - Diodes Incorporated TL082SG-13 Datasheet HTML 4Page - Diodes Incorporated TL082SG-13 Datasheet HTML 5Page - Diodes Incorporated TL082SG-13 Datasheet HTML 6Page - Diodes Incorporated TL082SG-13 Datasheet HTML 7Page - Diodes Incorporated TL082SG-13 Datasheet HTML 8Page - Diodes Incorporated TL082SG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL082
GENERAL PURPOSE JFET INPUT OPERATIONAL
AMPLIFIERS
TL082 Rev. 1
3 of 11
JULY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
(Note 8)
Symbol
Parameter
Rating
Unit
VCC+
Supply Voltage + (Note 3)
+18
V
VCC-
Supply Voltage - (Note 3)
-18
V
VI
Input voltage (Notes 3 and 5)
±15
V
VID
Differential input Voltage, VID (Note 4)
±30
V
Duration of output short circuit (Note 6)
Unlimited
PD
Power Dissipation (Note 7)
860
mW
TJ
Operating Junction Temperature Range
150
oC
TST
Storage Temperature Range
-65 to +150
oC
Notes:
3. ALL voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC
-.
4. Differential voltage are at the non-inverting input terminal with respect to the inverting input terminal.
5. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15V, whichever is less.
6. The output may be shorted to ground or either supply. Temperature and/or supply voltage must be limited to ensure that the dissipation rating is
not exceeded.
7. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD=(TJ(max)-TA)/ θJA . Operating at the absolute maximum TJ of 150℃ can affect reliability
Recommended Operating Conditions
(Note 8)
Symbol
Description
Rating
Unit
VCC±
Supply Voltage
±15
V
TA
Operating Ambient Temperature Range
-40 to +85
°C
Notes:
8. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the
test conditions, see the Electrical Characteristics.


Número de pieza similar - TL082SG-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
300Kb / 9P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
241Kb / 7P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL082 TI-TL082 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Descripción similar - TL082SG-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
   General purpose JFET single operational amplifiers
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com