Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1675IPAGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1675IPAGR
Descripción Electrónicos  4MSPS, 24-Bit Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS1675IPAGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1675IPAGR Datasheet HTML 3Page - Texas Instruments ADS1675IPAGR Datasheet HTML 4Page - Texas Instruments ADS1675IPAGR Datasheet HTML 5Page - Texas Instruments ADS1675IPAGR Datasheet HTML 6Page - Texas Instruments ADS1675IPAGR Datasheet HTML 7Page - Texas Instruments ADS1675IPAGR Datasheet HTML 8Page - Texas Instruments ADS1675IPAGR Datasheet HTML 9Page - Texas Instruments ADS1675IPAGR Datasheet HTML 10Page - Texas Instruments ADS1675IPAGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
t
LSCLKDC
DRDY
MSB
LSB
MSB
D UT
O
S LK
C
t
LSCLKDR
t
LDOPD
t
LDRPW
t
LSCLK
TIMING REQUIREMENTS: High-Speed LVDS
CLK
SCLK
START
DRDY
t
STCLK
t
LSCLKDR
t
LSCLK
t
LCLKSCLK
t
SETTLE
t
LPLLSTL
t
CLK
t
SETTLE
ADS1675
www.ti.com .................................................................................................................................................. SBAS416B – DECEMBER 2008 – REVISED JUNE 2009
TIMING CHARACTERISTICS
(1) High-speed LVDS valid only for DRATE = 100 and DRATE = 101.
Figure 1. High-Speed LVDS Data Retrieval Timing
At TA = –40°C to +85°C, and DVDD = 2.85V to 3.15V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tLDRPW
DRDY pulse width
2
4
tLSCLKs
tLSCLKDR
SCLK to DRDY delay
2
3
ns
tLDOPD
Valid data delay time from serial shift clock
1.5
2.5
ns
tLSCLK
Period of LVDS serial shift clock (SCLK)
0.33
tCLKs
tLSCLKDC
Shift clock duty cycle
47
53
%
tCLK
CLK period (1/fCLK)
31.25
ns
tLCLKSCLK
Delay from rising edge of CLK to rising edge of SCLK
13
20
ns
tLPLLSTL
PLL settling time
80
µs
tSTCLK
Setup time, rising edge of START to falling edge of CLK
–3
3
ns
tSETTLE
Digital filter settling time
See Table 5 and Table 6
Figure 2. PLL Timing
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1675


Número de pieza similar - ADS1675IPAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI1-ADS1675IPAGR Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
More results

Descripción similar - ADS1675IPAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1675 TI-ADS1675_1 Datasheet
709Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI1-ADS1675_14 Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com