Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8284 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8284
Descripción Electrónicos  18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8284 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8284 Datasheet HTML 1Page - Texas Instruments ADS8284 Datasheet HTML 2Page - Texas Instruments ADS8284 Datasheet HTML 3Page - Texas Instruments ADS8284 Datasheet HTML 4Page - Texas Instruments ADS8284 Datasheet HTML 5Page - Texas Instruments ADS8284 Datasheet HTML 6Page - Texas Instruments ADS8284 Datasheet HTML 7Page - Texas Instruments ADS8284 Datasheet HTML 8Page - Texas Instruments ADS8284 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
SPECIFICATIONS
ADS8284
SLAS628 – MARCH 2009................................................................................................................................................................................................... www.ti.com
TA = –40°C to 85°C, VCC = 5 V, VEE = –5 V, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 4 V, fSAMPLE = 1 MSPS (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage at multiplexer input(1)
CH(i)P–CH(i)M
–Vref
Vref
V
Absolute input range at multiplexer input
CH (i)
–0.2
Vref + 0.2
V
[CH(i)P + CH(i)M] /2
(Vref)/2
(Vref)/2
(Vref)/2
Input common-mode voltage
V
– 0.2
+ 0.2
SYSTEM PERFORMANCE
Resolution
18
Bits
ADS8284IB
18
No missing codes
Bits
ADS8284I
18
ADS8284IB
–2.5
±1.25
2.5
Integral linearity (2)
LSB (3)
ADS8284I
–4.5
±1.5
4.5
ADS8284IB
–1
±0.6
1.5
Differential linearity
At 18-bit level
LSB(3)
ADS8284I
–1
±0.6
1.5
ADS8284IB
–0.5
±0.05
0.5
Offset error
mV
ADS8284I
–0.5
±0.05
0.5
ADS8284IB
–0.1
±0.025
0.1
Gain error(4)
External reference
%FS
ADS8284I
–0.1
±0.025
0.1
At 3FFF0H output code. For +VA or VCC, VEE
DC power supply rejection ratio
80
dB
variation of 0.5 V individually
SAMPLING DYNAMICS
+VBD = 5 V
625
650
ns
Conversion time
+VDB = 3 V
625
650
ns
+VBD = 5 V
320
350
ns
Acquisition time
+VDB = 3 V
320
350
Maximum throughput rate
1.0
MHz
Aperture delay
4
ns
Aperture jitter
5
ps
For ADC only
150
ns
Settling time to 0.5 LSB
For OPA (OP1, OP2) + mux
700
Over voltage recovery
For ADC only
150
ns
DYNAMIC CHARACTERISTICS
ADS8284I
–119
VIN = 4 Vpp at 2 kHz
dB
ADS8284IB
–119
ADS8284I
–105
Total harmonic distortion
VIN = 4 Vpp at 10 kHz
dB
(THD)(5)
ADS8284IB
–105
ADS8284I
–100
VIN = 4 Vpp at 100 kHz,
dB
LoPWR = 0
ADS8284IB
–100
ADS8284I
98.4
VIN = 4 Vpp at 2 kHz
dB
ADS8284IB
97.5
98.4
ADS8284I
98
Signal-to-noise ratio (SNR)
VIN = 4 Vpp at 10 kHz
dB
ADS8284IB
98
ADS8284I
95
VIN = 4 Vpp at 100 kHz,
dB
LoPWR = 0
ADS8284IB
97
(1)
Ideal input span, does not include gain or offset error.
(2)
This is endpoint INL, not best fit.
(3)
LSB means least significant bit.
(4)
Calculated on the first nine harmonics of the input frequency.
(5)
Measured relative to acutal measured reference.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :ADS8284


Número de pieza similar - ADS8284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8284IBRGCR TI1-ADS8284IBRGCR Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284IBRGCT TI1-ADS8284IBRGCT Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284IRGCR TI1-ADS8284IRGCR Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284IRGCT TI1-ADS8284IRGCT Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
More results

Descripción similar - ADS8284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com