Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54060DGQR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54060DGQR
Descripción Electrónicos  0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54060DGQR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54060DGQR Datasheet HTML 1Page - Texas Instruments TPS54060DGQR Datasheet HTML 2Page - Texas Instruments TPS54060DGQR Datasheet HTML 3Page - Texas Instruments TPS54060DGQR Datasheet HTML 4Page - Texas Instruments TPS54060DGQR Datasheet HTML 5Page - Texas Instruments TPS54060DGQR Datasheet HTML 6Page - Texas Instruments TPS54060DGQR Datasheet HTML 7Page - Texas Instruments TPS54060DGQR Datasheet HTML 8Page - Texas Instruments TPS54060DGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
DEVICE INFORMATION
PIN CONFIGURATION
1
2
3
4
5
6
7
9
8
10
Thermal
Pad
(11)
BOOT
VIN
EN
PH
GND
COMP
VSENSE
PWRGD
SS/TR
RT/CLK
MSOP10
(TOP VIEW)
TPS54060
www.ti.com ............................................................................................................................................................................................... SLVS919 – JANUARY 2009
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the
BOOT
1
O
minimum required by the output device, the output is forced to switch off until the capacitor is refreshed.
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
COMP
8
O
components to this pin.
Enable pin, internal pull-up current source. Pull below 1.2V to disable. Float to enable. Adjust the input
EN
3
I
undervoltage lockout with two resistors.
GND
9
Ground
PH
10
I
The source of the internal high-side power MOSFET.
POWERPAD
11
GND pin must be electrically connected to the exposed pad on the printed circuit board for proper operation.
An open drain output, asserts low if output voltage is low due to thermal shutdown, dropout, over-voltage or
PWRGD
6
O
EN shut down.
Resistor Timing and External Clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to set the switching frequency. If the pin is pulled above the PLL upper threshold,
RT/CLK
5
I
a mode change occurs and the pin becomes a synchronization input. The internal amplifier is disabled and
the pin is a high impedance clock input to the internal PLL. If clocking edges stop, the internal amplifier is
re-enabled and the mode returns to a resistor set function.
Slow-start and Tracking. An external capacitor connected to this pin sets the output rise time. Since the
SS/TR
4
I
voltage on this pin overrides the internal reference, it can be used for tracking and sequencing.
VIN
2
I
Input supply voltage, 3.5 V to 60 V.
VSENSE
7
I
Inverting node of the transconductance ( gm) error amplifier.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54060


Número de pieza similar - TPS54060DGQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54060DGQR TI-TPS54060DGQR Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Descripción similar - TPS54060DGQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com