Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54620 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54620
Descripción Electrónicos  17V Input, 6A Output, Synchronous Step Down Switcher With Integrated FET in 3.5mm x 3.5mm Package(SWIFT??
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54620 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54620 Datasheet HTML 5Page - Texas Instruments TPS54620 Datasheet HTML 6Page - Texas Instruments TPS54620 Datasheet HTML 7Page - Texas Instruments TPS54620 Datasheet HTML 8Page - Texas Instruments TPS54620 Datasheet HTML 9Page - Texas Instruments TPS54620 Datasheet HTML 10Page - Texas Instruments TPS54620 Datasheet HTML 11Page - Texas Instruments TPS54620 Datasheet HTML 12Page - Texas Instruments TPS54620 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
VI − Input Voltage − V
5
6
7
8
9
10
11
12
13
1
5
9
13
17
TJ = 150°C
TJ = 25°C
TJ = −40°C
TJ − Junction Temperature − °C
70
80
90
100
110
120
−50
−25
0
25
50
75
100
125
150
VIN = 12 V
IOUT = 2A
TJ − Junction Temperature − °C
2.0
2.1
2.2
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature − Deg
3.0
4.0
5.0
6.0
−50
−25
0
25
50
75
100
125
150
RT = 100 k
VIN =12 V
IOUT = 2 A
OVERVIEW
TPS54620
www.ti.com ........................................................................................................................................................................................................ SLVS949 – MAY 2009
TYPICAL CHARACTERISTICS (continued)
HIGH-SIDE CURRENT LIMIT THRESHOLD vs INPUT
VOLTAGE
MINIMUM CONTROLLABLE ON TIME vs TEMPERATURE
Figure 13.
Figure 14.
MINIMUM CONTROLLABLE DUTY RATIO vs JUNCTION
TEMPERATURE
BOOT-PH UVLO THRESHOLD vs TEMPERATURE
Figure 15.
Figure 16.
The device is a 17-V, 6-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs. To
improve performance during line and load transients the device implements a constant frequency, peak current
mode control which also simplifies external frequency compensation. The wide switching frequency of 200 kHz to
1600 kHz allows for efficiency and size optimization when selecting the output filter components. The switching
frequency is adjusted using a resistor to ground on the RT/CLK pin. The device also has an internal phase lock
loop (PLL) controlled by the RT/CLK pin that can be used to synchronize the switching cycle to the falling edge
of an external system clock.
The device has been designed for safe monotonic startup into pre-biased loads. The default start up is when VIN
is typically 4.0V. The EN pin has an internal pull-up current source that can be used to adjust the input voltage
under voltage lockout (UVLO) with two external resistors. In addition, the EN pin can be floating for the device to
operate with the internal pull up current. The total operating current for the device is approximately 600
µA when
not switching and under no load. When the device is disabled, the supply current is typically less than 2
µA.
The integrated MOSFETs allow for high efficiency power supply designs with continuous output currents up to 6
amperes. The MOSFETs have been sized to optimize efficiency for lower duty cycle applications.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54620


Número de pieza similar - TPS54620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54620 TI-TPS54620 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54620 TI1-TPS54620 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54620RGY TI-TPS54620RGY Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
More results

Descripción similar - TPS54620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54295 TI1-TPS54295 Datasheet
922Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
TPS54427 TI1-TPS54427 Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com