Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS62231DRY Datasheet(PDF) 14 Page - Texas Instruments

No. de Pieza. TPS62231DRY
Descripción  3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS62231DRY Datasheet(HTML) 14 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
V
=2.5V
20mV/div
OUT
SW
2V/div
I
200mA/div
L
V
=3.6V
C
=4.7
F
L =1
H
IN
OUT
m
m
t-Time-500ns/div
MODE=V
I
=10mA
IN
OUT
V
=2.5V
20mV/div
OUT
SW
2V/div
I
200mA/div
L
V
=3.6V
C
=4.7
F
L =2.2
H
IN
OUT
m
m
t-Time-1 ms/div
MODE=GND
I
=10mA
OUT
V
=1.8V
20mV/div
OUT
C
=4.7
F
L =2.2
H
MODE=GND
OUT
m
m
I
=50mA
OUT
t-Time-10 ms/div
V
=3.6Vto4.2V
200mV/div
IN
V
=1.8V
20mV/div
OUT
C
=4.7
F
L =2.2
H
MODE=V
OUT
IN
m
m
I
=50mA
OUT
t-Time-100 ms/div
V
=3.6Vto4.2V
200mV/div
IN
TPS62230
TPS62231
TPS62232
SLVS941 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
Figure 27. PFM Mode Operation IOUT = 10mA
Figure 28. Forced PWM Mode Operation IOUT = 10mA
Figure 29. Line Transient Response PFM Mode
Figure 30. Line Transient Response PWM Mode
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62230 TPS62231 TPS62232


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn