Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62273DRVRG4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS62273DRVRG4
Descripción Electrónicos  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62273DRVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62273DRVRG4 Datasheet HTML 2Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 9Page - Texas Instruments TPS62273DRVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V =5V
I
V =3.3V
I
V =2.7V
I
V =2.3V
I
V =4.2V
I
V =3.6V
I
V
=0.9V,
VSEL =V ,
L =2 HMIPSA2520D2R2,
C
=10 F
O
I
O
m
m
V
=0.9V
O
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=1.15V
O
V =3.3V
I
V =3.6V
I
V =5V
I
V =2.7V
I
V =2.3V
I
V
=1.15V,
VSEL =V ,
L =2 HMIPSA2520D2R2,
C
=10 F
O
I
O
m
m
V =4.2V
I
1.1
1.15
1.2
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=1.15V,
T =25°C
O
A
PFMMODE,VoltagePositioning
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.3V
I
V =2.7V
I
V =3.3V
I
50
60
65
70
75
80
85
90
95
100
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V =5V
I
V =3.3V
I
V =4.2V
I
V
=2.1V,
VSEL =GND,
L =2.2 H,
C
=10 F
O
O
m
m
V =2.7V
I
55
TPS62270, TPS62272
TPS62273
SLVS799C – NOVEMBER 2007 – REVISED JANUARY 2009 ........................................................................................................................................... www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
TPS62272 EFFICIENCY
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62270 TPS62272 TPS62273


Número de pieza similar - TPS62273DRVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62273DRVRG4 TI-TPS62273DRVRG4 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Descripción similar - TPS62273DRVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com