Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS62220DDCTG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
TPS62220DDCTG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 24 page PFM Mode at Light Load Comparator High Comparator Low Comparator Low 2 PWM Mode at Medium to Full Load 1.6% 0.8% VO DYNAMIC VOLTAGE POSITIONING DIGITAL SELF-CALIBRATION SOFT START TPS62220 ,, TPS62221,, TPS62222 TPS62223, TPS62224, TPS62225 TPS62227, TPS62228, TPS62229 www.ti.com....................................................................................................................................... SLVS491E – SEPTEMBER 2003 – REVISED FEBRUARY 2009 Figure 14. Power-Save Mode Thresholds and Dynamic Voltage Positioning The converter enters the fixed frequency PWM mode again as soon as the output voltage falls below the comp low 2 threshold. As described in the power-save mode operation sections and as detailed in Figure 14, the output voltage is typically 0.8% above the nominal output voltage at light load currents, as the device is in power-save mode. This gives additional headroom for the voltage drop during a load transient from light load to full load. During a load transient from full load to light load, the voltage overshoot is also minimized due to active regulation by turning on the N-channel rectifier switch. In addition to the control circuit as shown in the block diagram, the TPS6222x series uses an internal digital self-calibration of the output voltage to minimize DC load and line regulation. This method of self-calibration allows simple internal loop compensation without the use of external components. The device monitors the output voltage and as soon as the output voltage drops below typically 1.6% or exceeds typically 1.6% of Vout the duty cycle will be adjusted in digital steps. As a result, the output voltage changes in digital steps either up or down where one step is typically 1% of Vout. This results in virtually zero line and load regulation and keeps the output voltage tolerance within ±3% overload and line variations. The TPS6222x has an internal soft-start circuit that limits the inrush current during start-up. This prevents possible voltage drops of the input voltage in case a battery or a high impedance power source is connected to the input of the TPS6222x. The soft start is implemented as a digital circuit increasing the switch current in steps of typically 83 mA, 167 mA, 335 mA and then the typical switch current limit of 670 mA. Therefore, the start-up time mainly depends on the output capacitor and load current. Copyright © 2003–2009, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TPS62220 TPS62221 TPS62222 TPS62223 TPS62224 TPS62225 TPS62227 TPS62228 TPS62229 |
Número de pieza similar - TPS62220DDCTG4 |
|
Descripción similar - TPS62220DDCTG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |