Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65920BZCH Datasheet(PDF) 78 Page - Texas Instruments

No. de pieza TPS65920BZCH
Descripción Electrónicos  Integrated Power Management Audio Codec (TPS65930 Only)
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65920BZCH Datasheet(HTML) 78 Page - Texas Instruments

Back Button TPS65920BZCH Datasheet HTML 74Page - Texas Instruments TPS65920BZCH Datasheet HTML 75Page - Texas Instruments TPS65920BZCH Datasheet HTML 76Page - Texas Instruments TPS65920BZCH Datasheet HTML 77Page - Texas Instruments TPS65920BZCH Datasheet HTML 78Page - Texas Instruments TPS65920BZCH Datasheet HTML 79Page - Texas Instruments TPS65920BZCH Datasheet HTML 80Page - Texas Instruments TPS65920BZCH Datasheet HTML 81Page - Texas Instruments TPS65920BZCH Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
8
MADC
8.1
General Description
8.2
MADC Electrical Characteristics
TPS65930/TPS65920
Integrated Power Management
\Audio Codec (TPS65930 Only)
SWCS037D – MAY 2008 – REVISED JUNE 2009
www.ti.com
The TPS65920/TPS65930 device provides the MADC resource to the host processors in the system
(hardware and software conversion modes).
The MADC generates interrupt signals to the host processors. Interrupts are handled primarily by the
MADC internal secondary interrupt handler and secondly at the upper level (outside the MADC) by the
TPS65920/TPS65930 interrupt primary handler.
Table 8-1 lists the electrical characteristics of the MADC.
Table 8-1. MADC Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Resolution
10
Bit
ADIN2 input dynamic range for external input
0
2.5
V
MADC voltage reference
1.5
V
ADIN0 differential nonlinearity
–1
1
LSB
ADIN0 integral nonlinearity
Best fitting
–2
2
LSB
Best fitting for codes 230 to maximum
–2
2
LSB
Integral nonlinearity for ADIN2
Best fitting considering offset of 25 LSB
–3.75
3.75
LSB
Offset
Best fitting
–28.5
28.5
mV
Input bias
1
µA
Input capacitor CBANK
10
pF
Maximum source input resistance Rs (for all 16
100
k
internal or external inputs)
Input current leakage (for all 16 internal or external
1
µA
inputs)
MADC
78
Submit Documentation Feedback


Número de pieza similar - TPS65920BZCH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65920BZCH TI1-TPS65920BZCH Datasheet
1Mb / 117P
[Old version datasheet]   Integrated Power Management / Audio Codec (TPS65930 Only)
APRIL2011
TPS65920BZCHR TI1-TPS65920BZCHR Datasheet
1Mb / 117P
[Old version datasheet]   Integrated Power Management / Audio Codec (TPS65930 Only)
APRIL2011
More results

Descripción similar - TPS65920BZCH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65930 TI1-TPS65930_11 Datasheet
1Mb / 117P
[Old version datasheet]   Integrated Power Management / Audio Codec (TPS65930 Only)
APRIL2011
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65950 TI-TPS65950 Datasheet
2Mb / 166P
[Old version datasheet]   Integrated Power Management/Audio Codec Silicon Revision 1.0
logo
ams AG
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
   Stereo Audio Codec with System Power Management
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com