Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS737xx Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS737xx
Descripción Electrónicos  1A Low-Dropout Regulator with Reverse Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS737xx Datasheet(HTML) 5 Page - Texas Instruments

  TPS737xx Datasheet HTML 1Page - Texas Instruments TPS737xx Datasheet HTML 2Page - Texas Instruments TPS737xx Datasheet HTML 3Page - Texas Instruments TPS737xx Datasheet HTML 4Page - Texas Instruments TPS737xx Datasheet HTML 5Page - Texas Instruments TPS737xx Datasheet HTML 6Page - Texas Instruments TPS737xx Datasheet HTML 7Page - Texas Instruments TPS737xx Datasheet HTML 8Page - Texas Instruments TPS737xx Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PIN CONFIGURATIONS
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TABISGND
6
TPS737xx
www.ti.com.................................................................................................................................................... SBVS067I – JANUARY 2006 – REVISED MARCH 2009
DCQ PACKAGE
DRB PACKAGE
SOT223-6
3mm x 3mm SON
(TOP VIEW)
(TOP VIEW)
Table 1. Pin Descriptions
SOT223
3×3 SON
PIN
(DCQ)
(DRB)
NAME
PIN NO.
PIN NO.
DESCRIPTION
IN
1
8
Unregulated input supply
GND
3, 6
4, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
5
5
shutdown mode. Refer to the Shutdown section under Applications Information for more details. EN
must not be left floating and can be connected to IN if not used.
Fixed voltage versions only—connecting an external capacitor to this pin bypasses noise generated
NR
4
3
by the internal bandgap, reducing output noise to very low levels.
Adjustable voltage version only—this is the input to the control loop error amplifier, and is used to set
FB
4
3
the output voltage of the device.
OUT
2
1
Regulator output. A 1.0
µF or larger capacitor of any type is required for stability.
NC
2, 6, 7
Not connected
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Número de pieza similar - TPS737xx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS737xx TI1-TPS737xx Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results

Descripción similar - TPS737xx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com