Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS658610 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS658610
Descripción Electrónicos  Advanced Power Management Unit
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS658610 Datasheet(HTML) 3 Page - Texas Instruments

  TPS658610 Datasheet HTML 1Page - Texas Instruments TPS658610 Datasheet HTML 2Page - Texas Instruments TPS658610 Datasheet HTML 3Page - Texas Instruments TPS658610 Datasheet HTML 4Page - Texas Instruments TPS658610 Datasheet HTML 5Page - Texas Instruments TPS658610 Datasheet HTML 6Page - Texas Instruments TPS658610 Datasheet HTML 7Page - Texas Instruments TPS658610 Datasheet HTML 8Page - Texas Instruments TPS658610 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
DISSIPATION RATINGS
2.2
RECOMMENDED OPERATING CONDITIONS
TPS658610
Advanced Power Management Unit
www.ti.com
SLVS884 – JUNE 2009
TA ≤ 25°C
DERATING FACTOR
TA = 55°C
TA = 70°C
TA = 85°C
PACKAGE
Psi_Jb
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
ZQZ
25
°C/W
4000 mW
40.0
°C/W
2800 mW
2200 mW
1600 mW
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AC and USB with respect to AGND1
4.30
16.5(1)
V
V(SYS) with respect to AGND1
2.9
5.5
V
V(BAT) with respect to AGND1, battery power only
2.9
4.6
V
V(BAT) with respect to AGND1, battery connected, AC or USB
2.15
4.6
V
power selected, Selected power source >2.9V
ANLG1,ANLG2, ANLG3 with respect to AGND2
0
2.6
V
VIN_LDO01, VIN_LDO23, VIN_LDO678, VIN_LDO4, VIN_LDO9
Greater of : 1.7V OR Minimum input voltage
5.5
V
with respect to AGND1
required for LDO/Converter operation outside
dropout region
VIN_SM0 with respect to PGND0
Greater of : 2.3V OR Minimum input voltage
5.5
V
required for LDO/Converter operation outside
dropout region. 2.9V to meet parametric
specifications.
VIN_SM1 with respect to PGND1
28
V
VIN_SM2 with respect to PGND2
28
V
VIN_SM4 with respect to PGND4
28
V
SM3 with respect to PGND3
28
V
GPIOx with respect to AGND1
0
5.5
V
All other pins (except AGNDn and PGNDn) with respect to AGND1
0
5.5
V
Operating free-air temperature, TA
-40
85
°C
Maximum junction temperature, TJ , functional operation
-40
125
°C
Maximum junction temperature, TJ , electrical characteristics
0
125
°C
External supply ramp rate, AC or USB pins
1 V/mSec
1 V/
µSec
(1)
Thermal operating restrictions are reduced or avoided if input voltage does not exceed 5V.
Submit Documentation Feedback
Electrical Specifications
3


Número de pieza similar - TPS658610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS658610A TI1-TPS658610A Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZR TI1-TPS658610AZQZR Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658610AZQZT TI1-TPS658610AZQZT Datasheet
466Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
More results

Descripción similar - TPS658610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com