Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73433DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73433DRVT
Descripción Electrónicos  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73433DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS73433DRVT Datasheet HTML 1Page - Texas Instruments TPS73433DRVT Datasheet HTML 2Page - Texas Instruments TPS73433DRVT Datasheet HTML 3Page - Texas Instruments TPS73433DRVT Datasheet HTML 4Page - Texas Instruments TPS73433DRVT Datasheet HTML 5Page - Texas Instruments TPS73433DRVT Datasheet HTML 6Page - Texas Instruments TPS73433DRVT Datasheet HTML 7Page - Texas Instruments TPS73433DRVT Datasheet HTML 8Page - Texas Instruments TPS73433DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ELECTRICAL CHARACTERISTICS
TPS734xx
www.ti.com ........................................................................................................................................ SBVS089F – DECEMBER 2007 – REVISED FEBRUARY 2009
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN, COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73401, VOUT = 3.0V.
Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
6.5
V
VFB
Internal reference (TPS73401)
1.184
1.208
1.232
V
VOUT
Output voltage range (TPS73401)
VFB
6.3
V
VOUT
Output accuracy
Nominal
TJ = +25°C
–1.0
+1.0
%
Over VIN,
VOUT + 0.3V ≤ VIN ≤ 6.5V
VOUT
Output accuracy(1)
–2.0
±1.0
+2.0
%
IOUT, Temp
1mA
≤ IOUT ≤ 250mA
ΔVOUT%/ ΔVIN
Line regulation(1)
VOUT(NOM) + 0.3V ≤ VIN ≤ 6.5V
0.02
%/V
ΔVOUT%/ ΔIOUT
Load regulation
500
µA ≤ I
OUT ≤ 250mA
0.005
%/mA
Dropout voltage(2)
VDO
IOUT = 250mA
125
219
mV
(VIN = VOUT(NOM) – 0.1V)
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
300
580
900
mA
IGND
Ground pin current
500
µA ≤ I
OUT ≤ 250mA
45
65
µA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4V
0.15
1.0
µA
IFB
Feedback pin current (TPS73401)
–0.5
0.5
µA
f = 100Hz
60
dB
Power-supply rejection ratio
f = 1kHz
56
dB
PSRR
VIN = 3.85V, VOUT = 2.85V,
f = 10kHz
41
dB
CNR = 0.01µF, IOUT = 100mA
f = 100kHz
28
dB
CNR = 0.01µF
11 x VOUT
µV
RMS
Output noise voltage
VN
BW = 10Hz to 100kHz, VOUT = 2.8V
CNR = none
95 x VOUT
µV
RMS
CNR = none
45
µs
Startup time,
CNR = 0.001µF
45
µs
VOUT = 0 ~ 90%,
TSTR
VOUT = 2.85V,
CNR = 0.01µF
50
µs
RL = 14Ω, COUT = 2.2µF
CNR = 0.047µF
50
µs
VEN(HI)
Enable high (enabled)
1.2
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
VEN = VIN = 6.5V
0.03
1.0
µA
Shutdown, temperature increasing
165
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
145
°C
TJ
Operating junction temperature
–40
+125
°C
Undervoltage lock-out
VIN rising
1.90
2.20
2.65
V
UVLO
Hysteresis
VIN falling
70
mV
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
VDO is not measured for devices with VOUT(NOM) < 2.8V because minimum VIN = 2.7V.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3


Número de pieza similar - TPS73433DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73433DRVT TI1-TPS73433DRVT Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433DRVT TI1-TPS73433DRVT Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433DRVT TI-TPS73433DRVT Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results

Descripción similar - TPS73433DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_16 Datasheet
1Mb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com